Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z3K471-RJ-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # Z3K471-RJ-10
Description  FERRITE CHIP BEADS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z3K471-RJ-10 Datasheet(HTML) 2 Page - Superworld Electronics

  Z3K471-RJ-10 Datasheet HTML 1Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 2Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 3Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 4Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 5Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 6Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 7Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 8Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
FERRITE CHIP BEADS
Z3 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
03.07.2008
6. ELECTRICAL CHARACTERISTICS :
Z3K471-RJ-10
Z3K601-RJ-10
470 ±25%
600 ±25%
0805
0805
Z3K221-RL-10
Z3K301-RJ-10
Z3K121-RL-10
Z3K151-RL-10
Z3K800-RN-10
Z3K300-RN-10
Part Number
300 ±25%
220 ±25%
120 ±25%
150 ±25%
80 ±25%
30 ±25%
Impedance
0805
0805
0805
0805
0805
0805
Size
EIA
(
)
100
100
0.20
0.20
1000
1000
DC Resistance
100
100
100
100
100
( MHz )
Frequency
Test
100
0.04
0.10
0.20
0.10
0.10
Max.
(
)
0.04
2000
1000
2000
2000
3000
3000
Max.
( mA )
Rated Current
7. IMPEDANCE VS. FREQUENCY CURVES :
1
10
100
1000
FREQUENCY(MHz)
0
30
60
90
HCB2012K-300T30
Z
R
X
Z3K300-R N-00
Z3K300-RN-10
1
10
100
1000
FREQUENCY(MHz)
0
40
80
120
160
200
HCB2012K-800T30
Z
R
X
Z3K800-RN -00
Z3K800-RN-10
1
10
100
1000
FREQUENCY(MHz)
0
100
200
300
HCB2012K-121T20
Z
R
X
Z3K121-RL-00
Z3K121-RL-10
1
10
100
1000
FREQUENCY(MHz)
0
100
200
300
400
HCB2012K-151T20
Z
R
X
Z3K 151-RL-00
Z3K151-RL-10
Packaging : Paper Carrier Tape



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com