Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z3K471-RJ-10 Datasheet(PDF) 5 Page - Superworld Electronics

Part # Z3K471-RJ-10
Description  FERRITE CHIP BEADS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z3K471-RJ-10 Datasheet(HTML) 5 Page - Superworld Electronics

  Z3K471-RJ-10 Datasheet HTML 1Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 2Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 3Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 4Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 5Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 6Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 7Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 8Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
03.07.2008
FERRITE CHIP BEADS
Z3 SERIES
Derating Curve
For the ferrite chip bead which withstanding current over 1.5A, as the
operating temperature over 85°C, the derating current information is
necessary to consider with. For the detail derating of current, please
refer to the Derated Current vs. Operating Temperature curve.
8. RELIABILITY & TEST CONDITION :
1A
1.5A
3A
2A
6A
5A
4A
4
5
6
2
3
1
0
Derating
Operating Temperature(¢X
C)
125
85
Operating Temperature(°C)
ITEM
Bending Strength
Random Vibration Test
Loading at High
Temperature
Thermal Shock
Low temperature storage test
Drop
Humidity
Drop
directions (Total 6 hours).
Measured at room temperature after placing for 2 to 3hrs.
Measured at room temperature after placing for 2 to 3hrs.
Measured at room temperature after placing for 2 to 3hrs.
Measured at room temperature after placing for 2 to 3hrs.
Times (min.)
Phase
Temperature (°C)
Step1 : -55±2°C 30±3 min.
Drop 10 times on a concrete floor from a
height of 75cm.
Measured : 5 times
2
1
+125±5°C
-55±2°C
a. No mechanical damage
b. Impedance change : ±30%
Number of cycles : 5
Step2 : +125±5°C 30±3 min.
Temperature : -55±2°C
Duration : 1008±12hrs
30±3
30±3
Drop 10 times on a concrete floor from a
Impedance : Within ±30% of initial value.
Impedance : Within ±30% of initial value.
Appearance : No damage.
height of 75cm.
Appearance : No damage.
Humidity : 90~95% RH.
Temperature : 40±2°C
For Z Series :
Condition for 1 cycle
Duration : 1008±12hrs
a. No mechanical damage
b. Impedance change : ±30%
Applied Current : rated current
Temperature : 125±5°C
Duration : 1008±12hrs
Directions & times : X, Y, Z directions for 2 hours.
A period of 2 hours in each of 3 mutually perpendicular
P-Kgf
1.0(0.039)
The ferrite should not be damaged by forces
Appearance : Cracking, shipping & any other
defects harmful to the characteristics should
A
not be allowed.
Impedance : Within ±30%
R0.5(0.02)
applied on the right condition.
Chip
Z7
2.70 (0.106)
2.5
Amplitude : 1.52mm
Frequency : 10-55-10Hz for 1 min.
Z8
Series name
Z3
Z6
Z5
Z4
Z2
1.0
1.40 (0.055)
2.00 (0.079)
2.5
mm (inches)
0.80 (0.033)
0.3
PERFORMANCE
TEST CONDITION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com