Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z3K471-RJ-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # Z3K471-RJ-10
Description  FERRITE CHIP BEADS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z3K471-RJ-10 Datasheet(HTML) 6 Page - Superworld Electronics

  Z3K471-RJ-10 Datasheet HTML 1Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 2Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 3Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 4Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 5Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 6Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 7Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 8Page - Superworld Electronics Z3K471-RJ-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
03.07.2008
FERRITE CHIP BEADS
Z3 SERIES
9. SOLDERING AND MOUNTING :
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
Soldering
20~40s
60~150s
Time(sec.)
Figure 1. Re-flow Soldering
a soldering iron must be employed the following precautions are recommended.
c) Never contact the ceramic with the iron tip
b) 350°C tip temperature (max)
a) Preheat circuit and products to 150°C.
150
60~180s
480s max.
25
TP(260°C/10s max.)
200
217
Preheating
Note :
Over 2min.
Gradual
Cooling
Within 10s
Natural
cooling
Gradual
Cooling
Over 1min.
Figure 3. Hand Soldering
Preheating
330
150
350
3s
(max.)
10s
(max.)
Soldering
Figure 2. Wave Soldering
d) 1.0mm tip diameter (max)
f) Limit soldering time to 3 secs.
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
cooling
Natural
cooling
260
245
150
Soldering
Preheating
Natural
3.00
Recommended temperature profiles for re-flow soldering in Figure 1.
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
by the difference in coefficients of expansion between solder, chip and substrate. The terminations are suitable for all
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
9-2.1 Lead Free Solder Re-flow :
9-2.3 Soldering Iron (Figure 3) :
9-1. Recommended PC Board Pattern
Wave soldering is perhaps the most rigorous of surface mount soldering processes due to the steep rise in temperature
seen by the circuit when immersed in the molten solder wave, typical at 230°C. Due to the risk of thermal damage to
products, wave soldering of large size products is discouraged. Recommended temperature profile for wave soldering
is shown in Fig. 2
air soldering tools.
9-2.2 Solder Wave :
9-2. Soldering
1.00
PC board should be designed so that products are not sufficient
Products shall be positioned in the sideway direction against
the mechanical stress to prevent failure.
under mechanical stress as warping the board.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com