Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75159 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75159
Description  DUAL DIFFERENTIAL LINE DRIVER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75159 Datasheet(HTML) 1 Page - Texas Instruments

  SN75159 Datasheet HTML 1Page - Texas Instruments SN75159 Datasheet HTML 2Page - Texas Instruments SN75159 Datasheet HTML 3Page - Texas Instruments SN75159 Datasheet HTML 4Page - Texas Instruments SN75159 Datasheet HTML 5Page - Texas Instruments SN75159 Datasheet HTML 6Page - Texas Instruments SN75159 Datasheet HTML 7Page - Texas Instruments SN75159 Datasheet HTML 8Page - Texas Instruments SN75159 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN75159
DUAL DIFFERENTIAL LINE DRIVER
WITH 3-STATE OUTPUTS
SLLS088B – JANUARY 1977 – REVISED MAY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI EIA/TIA-422-B and ITU
Recommendation V.11
D Single 5-V Supply
D Balanced Line Operation
D TTL Compatible
D High-Impedance Output State for
Party-Line Applications
D High-Current Active-Pullup Outputs
D Short-Circuit Protection
D Dual Channels
D Clamp Diodes at Inputs
description
The SN75159 dual differential line driver with 3-state outputs is designed to provide all the features of the
SN75158 line driver with the added feature of driver output controls. There is an individual control for each driver.
When the output control is low, the associated outputs are in a high-impedance state and the outputs can neither
drive nor load the bus. This permits many devices to be connected together on the same transmission line for
party-line applications.
The SN75159 is characterized for operation from 0
°C to 70°C.
logic symbol†
EN
1EN
1A
1B
2EN
2A
2B
&
1Z
3
2
12
13
6
4
5
9
10
11
1Y
2Y
2Z
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram (positive logic)
6
4
5
9
10
11
3
2
12
13
1Y
1Z
2Y
2Z
1EN
1A
1B
2EN
2A
2B
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
1Z
1Y
1A
1B
1EN
GND
VCC
2Z
2Y
2B
2A
2EN
NC
D OR N PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN75159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75159 TI2-SN75159 Datasheet
540Kb / 18P
DUAL DIFFERENTIAL LINE DRIVER WITH 3-STATE OUTPUTS
REVISED MAY 1995
SN75159D TI2-SN75159D Datasheet
540Kb / 18P
DUAL DIFFERENTIAL LINE DRIVER WITH 3-STATE OUTPUTS
REVISED MAY 1995
SN75159D.A TI2-SN75159D.A Datasheet
540Kb / 18P
DUAL DIFFERENTIAL LINE DRIVER WITH 3-STATE OUTPUTS
REVISED MAY 1995
SN75159N TI2-SN75159N Datasheet
540Kb / 18P
DUAL DIFFERENTIAL LINE DRIVER WITH 3-STATE OUTPUTS
REVISED MAY 1995
SN75159N.A TI2-SN75159N.A Datasheet
540Kb / 18P
DUAL DIFFERENTIAL LINE DRIVER WITH 3-STATE OUTPUTS
REVISED MAY 1995
More results

Similar Description - SN75159

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29050 ETC-HD29050 Datasheet
45Kb / 10P
Dual Differential Line Drivers / ReceiversWith 3 State Outputs
HD29051 ETC-HD29051 Datasheet
45Kb / 10P
Dual Differential Line Drivers / ReceiversWith 3 State Outputs
logo
Hitachi Semiconductor
J205027_HD29051 HITACHI-J205027_HD29051 Datasheet
221Kb / 15P
Dual Differential Line Drivers / Receivers with 3-state Outputs
HD29051 HITACHI-HD29051 Datasheet
160Kb / 11P
Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
List of Unclassifed Man...
HD29412 ETC1-HD29412 Datasheet
36Kb / 6P
Dual Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD75159 HITACHI-HD75159 Datasheet
58Kb / 10P
Dual Differential Line Drivers With 3 State Outputs
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
Quadruple Differential Line Receivers With 3 State Outputs
logo
Renesas Technology Corp
HD29050 RENESAS-HD29050 Datasheet
163Kb / 14P
Dual Differential Line Drivers/ReceiversWith 3 State Outputs
HD29051 RENESAS-HD29051 Datasheet
161Kb / 11P
Dual Differential Line Drivers/ReceiversWith 3 State Outputs
HD26LS32 RENESAS-HD26LS32 Datasheet
202Kb / 15P
Quadruple Differential Line Receivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com