Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL113 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # TIL113
Description  OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TIL113 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  TIL113 Datasheet HTML 1Page - ISOCOM COMPONENTS TIL113 Datasheet HTML 2Page - ISOCOM COMPONENTS TIL113 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
19/4/99
DB91047-AAS/A1
OPTICALLY COUPLED ISOLATOR
PHOTODARLINGTON OUTPUT
TIL113
DESCRIPTION
The TIL113 is an optically coupled isolator
consisting of an infrared light emitting diode
and NPN silicon photodarlington in a space
efficient dual in line plastic package.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Current Transfer Ratio
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
Computer terminals
l
Industrial systems controllers
l
Measuring instruments
l
Signal transmission between systems of
different potentials and impedances
1
3
2
4
6
5
Dimensions in mm
3.3
2.54
6.4
6.2
1.54
8.8
8.4
4.3
4.1
0.5
0.5
0.3
7.8
7.4
9.6
8.4
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
80mA
Reverse Voltage
5V
Power Dissipation
105mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
30V
Collector-base Voltage BV
CBO
30V
Emitter-collector Voltage BV
ECO
7V
Power Dissipation
150mW
POWER DISSIPATION
Total Power Dissipation
250mW
(derate linearly 3.3mW/°C above 25°C)
APPROVALS
l
UL recognised, File No. E91231
'X' SPECIFICATION APPROVALS
l
VDE 0884 pending
10.16
0.26
OPTION G
5.08
max.
SURFACEMOUNT
OPTION SM
1.2
0.6
1.4
0.9
10.2
9.5
ISOCOMCOMPONENTSLTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, TS25 1YD England Tel: (01429)863609
Fax : (01429) 863581 e-mail sales@isocom.co.uk
http://www.isocom.com


Similar Part No. - TIL113

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
TIL113 QT-TIL113 Datasheet
140Kb / 7P
PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
TIL113 FAIRCHILD-TIL113 Datasheet
158Kb / 8P
PHOTODARLINGTON OPTOCOUPLERS
logo
Texas Instruments
TIL113 TI-TIL113 Datasheet
226Kb / 6P
Gallium Arsenide Diode Infrared Source Optically Coupled to a Silicon NPN Darlinrton-Connected Phototransistor
logo
Everlight Electronics C...
TIL113 EVERLIGHT-TIL113 Datasheet
331Kb / 13P
6 PIN PHOTODARLINGTON
logo
Fairchild Semiconductor
TIL113 FAIRCHILD-TIL113 Datasheet
164Kb / 8P
PHOTODARLINGTON OPTOCOUPLERS
More results

Similar Description - TIL113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA2230X ETC1-MCA2230X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
ISPD60 ETC1-ISPD60 Datasheet
51Kb / 3P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
ISOCOM COMPONENTS
H11B1X ISOCOM-H11B1X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA230X ISOCOM-MCA230X Datasheet
56Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
4N29 ISOCOM-4N29 Datasheet
343Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
TIL119 ISOCOM-TIL119 Datasheet
363Kb / 3P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
4N29 ISOCOM-4N29_08 Datasheet
93Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA230 ISOCOM-MCA230_10 Datasheet
724Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA2230 ISOCOM-MCA2230_10 Datasheet
842Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MOC8030 ISOCOM-MOC8030 Datasheet
65Kb / 2P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com