Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL113 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # TIL113
Description  OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TIL113 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  TIL113 Datasheet HTML 1Page - ISOCOM COMPONENTS TIL113 Datasheet HTML 2Page - ISOCOM COMPONENTS TIL113 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.5
V
I
F = 10mA
Reverse Voltage (V
R)
3
V
I
R = 10µA
Reverse Current (I
R)
10
µA
V
R = 3V
Output
Collector-emitter Breakdown (BV
CEO)
30
V
I
C = 1mA (note 2)
Collector-base Breakdown (BV
CBO)
30
V
I
C = 100µA
Emitter-collector Breakdown (BV
ECO)
7
V
I
E = 100µA
Collector-emitter Dark Current (I
CEO)
100
nA
V
CE = 10V
Coupled
Collector Output Current ( I
C ) (Note 2
)
30
mA
10mA I
F , 1V VCE
Collector-emitter Saturation VoltageV
CE(SAT)
1.2
V
50mA I
F , 50mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
(note 1)
7500
V
PK
(note 1)
Input-output Isolation Resistance R
ISO
5x1010
Ω
V
IO = 500V (note 1)
Output Rise Time
tr
60
300
µs
V
CC= 15V, IC = 10mA,
Output Fall Time
tf
53
250
µs
R
L = 100Ω , fig.1
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
DB91047-AAS/A1
19/4/99
Input
Output
10%
90%
10%
90%
t
off
t
r
t
on
t
f
Output
V
CC = 15V
I
C = 10mA
Input
FIGURE 1
100
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com