Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL113 Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part # TIL113
Description  OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TIL113 Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  TIL113 Datasheet HTML 1Page - ISOCOM COMPONENTS TIL113 Datasheet HTML 2Page - ISOCOM COMPONENTS TIL113 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DB91047-AAS/A1
19/4/99
50
-30
0
25
50
75
100
125
Ambient temperature T
A ( °C )
150
0
200
Ambient temperature T
A ( °C )
60
20
0
40
-30
0
25
50
75
100
125
Collector Power Dissipation vs. Ambient Temperature
Forward Current vs. Ambient Temperature
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
Collector-emitter Saturation
Voltage vs. Ambient Temperature
100
0
0.2
0.4
0.6
0.8
1.0
1.2
I
F = 50mA
I
C = 50mA
80
100
0
10
Current Transfer Ratio vs.
Forward Current
Forward current I
F (mA)
0
0.5
1.0
1.5
Relative Current Transfer Ratio
vs. Ambient Temperature
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
Collector Current vs. Collector-emitter Voltage
Collector-emitter voltage V
CE ( V )
0
1
2
3
4
5
0
20
40
60
80
100
2mA
5mA
10mA
0.1 0.2 0.5
1
2
5
10 20 50 100
10000
1000
100
V
CE = 1V
T
A = 25°C
I
F = 10mA
V
CE = 1V
I
F = 1mA
20
50mA
T
A = 25°C
50
5000
800
500



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com