Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTRJM Datasheet(PDF) 8 Page - Central Technologies

Part # CTRJM
Description  Integrated RJ45 Magnetic Connectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRJM Datasheet(HTML) 8 Page - Central Technologies

Back Button CTRJM Datasheet HTML 2Page - Central Technologies CTRJM Datasheet HTML 3Page - Central Technologies CTRJM Datasheet HTML 4Page - Central Technologies CTRJM Datasheet HTML 5Page - Central Technologies CTRJM Datasheet HTML 6Page - Central Technologies CTRJM Datasheet HTML 7Page - Central Technologies CTRJM Datasheet HTML 8Page - Central Technologies CTRJM Datasheet HTML 9Page - Central Technologies CTRJM Datasheet HTML 10Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Integrated RJ45 Magnetic Connectors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.01.06
MECHANICAL
Left
Right
15.59
13.97
87.06
27.94
81.28
86.81
0.51
1.02
1.27
2.76
81.28
86.80
Ø0.89 x48
Ø1.57 x5
Ø3.20 x2
Ø1.02 x24
1A
1B
1C
1D
0.75
1.79
2.54
1.27
Suggested PCB Pad Layout
Component Side View
24.89
10.92
38.85
13.97
13.97
8.89
2.54
2.54
0.4x0.4
P10
P9
P12
P11
P12
P11
P1
P2
P7
P8
P12
P11
P10
P9
P10
P9
P1
P2
P7
P8
0.5x0.5
P12
P11
P10
P9
P12
P11
P10
P9
P12
P11
P10
P9
1.27
2.76
81.28
86.80
1A
1B
1C
1D
2.54
1.27
13.97
8.89
2.54
Suggested PCB Pad Layout
Component Side View
Ø1.57 x5
Ø0.89 x48
1E
1F
P1
P2
P7
P8
P1
P2
P7
P8
Port F
Port A
87.63
PANEL CUTOUT
NOTES : 1. Tolerance : PCB ±0.05mm
Connecetor ±0.25mm
2. Connector dimensions comply with FCC 68.5 dimension requirements
1E
1F
Ø3.20 x2
21.59
0.20
6.35
10.29
10.85
3.68
21.59
0.20
2.29
3.05
6.35
10.29
10.85
2.54
2.54
CTRJM22S6NNxxxxB
CTRJM22S6GYxxxxB
CTRJM Series
CTRJM22S6xxxxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com