Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTRJM Datasheet(PDF) 2 Page - Central Technologies

Part # CTRJM
Description  Integrated RJ45 Magnetic Connectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRJM Datasheet(HTML) 2 Page - Central Technologies

  CTRJM Datasheet HTML 1Page - Central Technologies CTRJM Datasheet HTML 2Page - Central Technologies CTRJM Datasheet HTML 3Page - Central Technologies CTRJM Datasheet HTML 4Page - Central Technologies CTRJM Datasheet HTML 5Page - Central Technologies CTRJM Datasheet HTML 6Page - Central Technologies CTRJM Datasheet HTML 7Page - Central Technologies CTRJM Datasheet HTML 8Page - Central Technologies CTRJM Datasheet HTML 9Page - Central Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Integrated RJ45 Magnetic Connectors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.01.06
ORDERING INFO
CTRJM Series
Part
Turns Ratio
EMI
LEDs
Insertion Loss
Return Loss 100
Ω
Ω ± 15Ω
Ω
Cross Talk
C.M.R.
Hi-pot
Number
TX/RX
Fingers
(L/R)
(dB max.)
(dB min.)
(dB min.)
(dB min)
(Vrms)
1-100
1-30
1-60
60-80
80-100
1-30
1-60
30-60
60-100
1-60
60-100
60HZ/1 min.
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
CTRJM22S1NND0811A
1CT:1CT
NO
N/N
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM22S1GYD0811A
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM22S1GGD0811A
1CT:1CT
YES
G/G
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM22S1YGD0811A
1CT:1CT
YES
Y/G
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM22S1NND0812A
1CT:1CT
NO
N/N
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM22S1GYD0812A
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM22S1GGD0812A
1CT:1CT
YES
G/G
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM22S1YGD0812A
1CT:1CT
YES
Y/G
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM22S1NND0826A
1CT:1CT
NO
N/N
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM22S1GYD0826A
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM22S1GGD0826A
1CT:1CT
YES
G/G
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM22S1YGD0826A
1CT:1CT
YES
Y/G
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM22S2NND0811B
1CT:1CT
YES
N/N
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S2GYD0811B
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S2NND0812B
1CT:1CT
YES
N/N
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S2GYD0812B
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S2NND0826B
1CT:1CT
YES
N/N
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S2GYD0826B
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S4NND0811B
1CT:1CT
YES
N/N
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S4GYD0811B
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S4NND0812B
1CT:1CT
YES
N/N
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S4GYD0812B
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S4NND0826B
1CT:1CT
YES
N/N
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S4GYD0826B
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S6NND0811B
1CT:1CT
YES
N/N
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S6GYD0811B
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S6NND0812B
1CT:1CT
YES
N/N
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S6GYD0812B
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S6NND0826B
1CT:1CT
YES
N/N
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S6GYD0826B
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S8NND0811B
1CT:1CT
YES
N/N
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S8GYD0811B
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S8NND0812B
1CT:1CT
YES
N/N
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S8GYD0812B
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S8NND0826B
1CT:1CT
YES
N/N
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM22S8GYD0826B
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-10
-40
-35
-
-30
-40
-30
1500
CTRJM26S1NNU0812C
1CT:1CT
NO
N/N
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM26S1GYU0812C
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM26S1GGU0812C
1CT:1CT
YES
G/G
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM26S1YGU0812C
1CT:1CT
YES
Y/G
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM26S1NNU0826C
1CT:1CT
NO
N/N
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM26S1GYU0826C
1CT:1CT
YES
G/Y
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM26S1GGU0826C
1CT:1CT
YES
G/G
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500
CTRJM26S1YGU0826C
1CT:1CT
YES
Y/G
-1.0
-18
-16
-12
-
-40
-
-35
-30
-40
-30
1500



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com