Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTRJM Datasheet(PDF) 1 Page - Central Technologies

Part # CTRJM
Description  Integrated RJ45 Magnetic Connectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRJM Datasheet(HTML) 1 Page - Central Technologies

  CTRJM Datasheet HTML 1Page - Central Technologies CTRJM Datasheet HTML 2Page - Central Technologies CTRJM Datasheet HTML 3Page - Central Technologies CTRJM Datasheet HTML 4Page - Central Technologies CTRJM Datasheet HTML 5Page - Central Technologies CTRJM Datasheet HTML 6Page - Central Technologies CTRJM Datasheet HTML 7Page - Central Technologies CTRJM Datasheet HTML 8Page - Central Technologies CTRJM Datasheet HTML 9Page - Central Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated RJ45 Magnetic Connectors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.01.06
CTRJM Series
Not shown at actual size.
CHARACTERISTICS
Options: 1x2, 1x4, 1x6 & 1x8 Port
Meets or exceeds IEEE 802.3 standard for 10/100 Base-TX
350 µH minimum OCL with 8mA DC bias current
Available with or without LEDs
Minimum 1500Vrms isolation per IEEE 802.3 requirement
Operating temperature 0°C to +70°C
Storage temperature -40°C to +85°C
RoHS Compliant
Transformer electrical specifications @ 25°C
RoHS
Compliant
MATERIAL SPECIFICATION
Metal Shell: Copper Alloy , Finish: 50µ" Nickel
Housing: Thermoplastic , UL 94V-0, Color Black
Insert: Thermoplastic , UL 94V-0, Color Black
Contact Terminal / Phosphor Bronze, 15µ" Gold on Contact Area,
100µ" Tin on Solder, Both over 50µ", Nickel Under-Plated
Coil Base: Phenolic/LCP, UL 94V-0, Color Black
LED CONFIGURATION
Schematic
Standard LED
Wavelength (
λλ)
V / IF=20 mA
Image
Max.
Typ.
0811A
0812A
0826A
Yellow
585nm
2.5V
2.1V
Green
570nm
2.5V
2.1V
Orange
605nm
2.5V
2.1V
0812C
0826C
Yellow
585nm
2.5V
2.1V
Green
570nm
2.5V
2.1V
Orange
605nm
2.5V
2.1V
0811B
0812B
0826B
Yellow
585nm
2.5V
2.1V
Green
570nm
2.5V
2.1V
P9
P10
P11
P12
Right LED
Left LED
Left LED
Right LED
P10
P9
P12
P11
P9
P10
P11
P12
Right LED
Left LED
PART NUMBER CONFIGURATION
Series
Size
Code
Layers
Port
(Each
Layer)
LED
(L/R)
Tab
Schematic
CTRJM
22
26
S = Single
1
2
4
6
8
N = None
G = Green
Y = Yellow
O = Orange
N = N/A
D = Down
U = Up
0811A, 0812A
0826A, 0811B
0812B, 0826B
0812C, 0826C
CTRJM 26
S
1
GY
U
1001A


Similar Part No. - CTRJM

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTRJG CT-CTRJG Datasheet
1Mb / 20P
Integrated RJ45 Magnetic Connectors
CTRJG26D11001A CT-CTRJG26D11001A Datasheet
1Mb / 20P
Integrated RJ45 Magnetic Connectors
CTRJG26D11002A CT-CTRJG26D11002A Datasheet
1Mb / 20P
Integrated RJ45 Magnetic Connectors
CTRJG26D11003A CT-CTRJG26D11003A Datasheet
1Mb / 20P
Integrated RJ45 Magnetic Connectors
CTRJG26D1D1001A CT-CTRJG26D1D1001A Datasheet
1Mb / 20P
Integrated RJ45 Magnetic Connectors
More results

Similar Description - CTRJM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ-1XX ABRACON-ARJ-1XX Datasheet
655Kb / 2P
TAP DOWN RJ45 LAN MAGNETIC
ARJ-10XX ABRACON-ARJ-10XX Datasheet
628Kb / 2P
GIGABIT RJ45 LAN MAGNETIC
logo
List of Unclassifed Man...
TIC-L019-16 ETC2-TIC-L019-16 Datasheet
1Mb / 2P
RJ45 Integrated Connector
logo
Central Technologies
CTRJG CT-CTRJG Datasheet
1Mb / 20P
Integrated RJ45 Magnetic Connectors
CTRJGU CT-CTRJGU Datasheet
421Kb / 4P
Integrated RJ45 Magnetic Connectors
logo
List of Unclassifed Man...
A60-142-200P431 ETC2-A60-142-200P431 Datasheet
349Kb / 6P
STANDARD RJ45 MAGNETIC JACKS
logo
Yuan Dean Scientific., ...
56F-1801DDD2NL YUANDEAN-56F-1801DDD2NL Datasheet
347Kb / 2P
RJ45 Integrated Jack
56F-2001DGD2NL YUANDEAN-56F-2001DGD2NL Datasheet
345Kb / 2P
RJ45 Integrated Jack
56F-16061DDD2NL YUANDEAN-56F-16061DDD2NL Datasheet
336Kb / 2P
RJ45 Integrated Jack
logo
HALO Electronics, Inc.
HFJV1-1041RL HALO-HFJV1-1041RL Datasheet
434Kb / 2P
1x1 10BASE-T Magnetic Vertical RJ45
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com