Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS3471CFS Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS3471CFS
Description  780- 횞 488-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3471CFS Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS3471CFS Datasheet HTML 6Page - Texas Instruments TMS3471CFS Datasheet HTML 7Page - Texas Instruments TMS3471CFS Datasheet HTML 8Page - Texas Instruments TMS3471CFS Datasheet HTML 9Page - Texas Instruments TMS3471CFS Datasheet HTML 10Page - Texas Instruments TMS3471CFS Datasheet HTML 11Page - Texas Instruments TMS3471CFS Datasheet HTML 12Page - Texas Instruments TMS3471CFS Datasheet HTML 13Page - Texas Instruments TMS3471CFS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TC241
780-
× 488-PIXEL CCD IMAGE SENSOR
SOCS006C – AUGUST 1986 – REVISED DECEMBER 1991
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC: ADB, CDB, IDB, TDB (see Note 1)
0 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: ABG, IAG, SAG, SRG, TRG
–15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–10
°C to 45°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, TSTG
–30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the substrate terminal.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
ADB, CDB, IDB, TDB
11
12
13
V
Substrate bias voltage
0
V
‡
High level
1.5
2
2.5
‡
IAG
Intermediate level§
–5
‡
Low level
–10
–9
–8
‡
SRG1 SRG2 SRG3
High level
1.5
2
2.5
‡
SRG1, SRG2, SRG3
Low level
–10
–9
–8
Input voltage V ‡
High level
2
4
6
V
Input voltage, VI‡
ABG
Intermediate level§
– 2.5
V
Low level
–7
SAG
High level
1.5
2
2.5
SAG
Low level
–10
–9
–8
TRG
High level
1.5
2
2.5
TRG
Low level
–10
–9
–8
IAG, SAG
2.05
Clock frequency, fclock
SRG1, SRG2, SRG3, TRG
4.77
MHz
ABG
2.05
Load capacitance
OUT1, OUT2, OUT3
8
pF
Operating free-air temperature, TA
–10
45
°C
‡ The algebraic convention, in which the least-positive (most negative) value is designated minimum, is used in this data sheet for clock voltage
levels.
§ Adjustment is required for optimal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com