Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS3471CFS Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS3471CFS
Description  780- 횞 488-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3471CFS Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS3471CFS Datasheet HTML 8Page - Texas Instruments TMS3471CFS Datasheet HTML 9Page - Texas Instruments TMS3471CFS Datasheet HTML 10Page - Texas Instruments TMS3471CFS Datasheet HTML 11Page - Texas Instruments TMS3471CFS Datasheet HTML 12Page - Texas Instruments TMS3471CFS Datasheet HTML 13Page - Texas Instruments TMS3471CFS Datasheet HTML 14Page - Texas Instruments TMS3471CFS Datasheet HTML 15Page - Texas Instruments TMS3471CFS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TC241
780-
× 488-PIXEL CCD IMAGE SENSOR
SOCS006C – AUGUST 1986 – REVISED DECEMBER 1991
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
optical characteristics, TA = 40°C (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Sensitivity
No IR filter
Measured at VU
150
mV/lx
Sensitivity
With IR filter
U
(see Notes 10 and 11)
19
mV/lx
Saturation signal, Vsat (see Note 12)
Antiblooming disabled, interlace off
320
400
mV
Maximum usable signal, Vuse
Antiblooming enabled, interlace on
180
360
mV
Blooming overload ratio (see Note 13)
Interlace on
100
Blooming-overload ratio (see Note 13)
Interlace off
200
Image-area well capacity
200 x 103
electrons
Smear (see Note 14)
See Note 15
0.00072
Dark current
Interlace off
TA = 21°C
0.027
nA/cm2
Dark signal (see Note 16)
TC241-30
15
mV
Dark signal (see Note 16)
TC241-40
20
mV
Pixel uniformity
Output signal = 50 mV
±10 mV
TC241-30
3.5
mV
Pixel uniformity
Output signal = 50 mV
±10 mV
TC241-40
5
mV
Column uniformity
Output signal = 50 mV
±10 mV
TC241-30
0.5
mV
Column uniformity
Output signal = 50 mV
±10 mV
TC241-40
0.7
mV
Shading
Output signal = 100 mV
15%
NOTES: 10. Sensitivity is measured at an integration time of 16.667 ms with a source temperature of 2856 K. A CM-500 filter is used.
11. VU is the output voltage that represents the threshold of operation of antiblooming. VU ≈ 1/2 saturation signal.
12. Saturation is the condition in which further increase in exposure does not lead to further increase in output signal.
13. Blooming-overload ratio is the ratio of blooming exposure to saturation exposure.
14. Smear is a measure of the error induced by transferring charge through an illuminated pixel in shutterless operation. It is equivalent
to the ratio of the single-pixel transfer time during a fast dump to the exposure time using an illuminated section that is 1/10 of the
image-area vertical height with recommended clock frequencies.
15. Exposure time is 16.67 ms and the fast-dump clocking rate during vertical timing is 2.05 MHz.
16. Dark-signal level is measured from the dummy pixels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com