Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS3471CFS Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS3471CFS
Description  780- 횞 488-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3471CFS Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS3471CFS Datasheet HTML 10Page - Texas Instruments TMS3471CFS Datasheet HTML 11Page - Texas Instruments TMS3471CFS Datasheet HTML 12Page - Texas Instruments TMS3471CFS Datasheet HTML 13Page - Texas Instruments TMS3471CFS Datasheet HTML 14Page - Texas Instruments TMS3471CFS Datasheet HTML 15Page - Texas Instruments TMS3471CFS Datasheet HTML 16Page - Texas Instruments TMS3471CFS Datasheet HTML 17Page - Texas Instruments TMS3471CFS Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
TC241
780-
× 488-PIXEL CCD IMAGE SENSOR
SOCS006C – AUGUST 1986 – REVISED DECEMBER 1991
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TMS3471C
TL1593
TC241
TMS3472A
4.7
µF
+
+
+
+
100
Ω
OUT1
OUT2
OUT3
GT3
GT1
GT2
15 pF
14.3-MHz
Oscillator
20 pF
44
43
42
41
40
39
38
37
36
35
34
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
VCC
12
13
14
15
16
17
18
19
20
21
22
L
10
11
16
15
14
13
12
1
2
3
4
5
6
7
8
ADB
10
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
VABG–
ABLVL
VABG+
V
TMS3473B
IALVL
VSS
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
47 k
Ω
47 k
Ω
100
Ω
100
Ω
100
Ω
4.7
µF
4.7
µF
4.7
µF
100
Ω
100
Ω
100
Ω
9
SC (90)
SC
BF
CBLK
CSYNC
CP1
CP2
BCP2
CP2
47 k
Ω
47 k
Ω
100 pF
11
12
1 k
Ω
SH2, 3
SH1
1 k
Ω
SH2, 3
SH1
VCC
4.7 k
Ω
VCC
ABS2
ABS1
ABS0
ADB
VCC
VSS
V
ABLVL
IALVL
VABG +
VABG –
12 V
5 V
– 10 V
2 V
– 2.5 V
–5 V
4 V
–6 V
DC VOLTAGES
10
20
VSS
VAGB+
GND
PD
SAIN
MIDSEL
ABIN
IAIN
I/N
IALVL
VAGB–
VCC
SAOUT
ABOUT
IAOUT
ABLVL
VCC
ABSR
IASR
VSS
DLADJ
GND
PD
SRG2,3IN
SRG1IN
TRGIN
2,3PC1
2,3PC2
SSR
10
VSS
20
VSS
1PC2
1PC1
VCC
SRG3OUT
SRG2OUT
SRG1OUT
TRGOUT
VCC
TSR
SUB
ABG
IAG
SAG
SRG3
SRG2
SRG1
TRG
IDB
CDB
SUB
SUB
IAG
SAG
TDB
ADB
OUT3
OUT2
OUT1
AMPGND
GND
SUB
ANLGVCC
AIN1
CIN1
IAN2
CIN2
AIN3
CIN3
ANLG GND
S/H1
S/H2
S/H3
DGTL VCC
OUT1
OUT2
OUT3
DGTL GND
PD
PS
GT
ABIN
PI
SH2, 3
SH1
GND
T
S1
S2, 3
‡
‡
‡
SUPPORT CIRCUITS
DEVICE
PACKAGE
APPLICATION
FUNCTION
TMS3471CFS
44 pin flatpack
Timing generator
NTSC timing generator
TMS3472ADW
20 pin flatpack with tabs
Serial driver
Driver for SRG1, SRG2, SRG3, and TRG
TMS3473BDW
20 pin small outline
Parallel driver
Driver for ABG, IAG, and SAG
TL1593CNS
16 pin small outline (EIAJ)
Sample and hold
Three-channel sample-and-hold IC
Figure 16. Typical Application Circuit Diagram
† Decoupling capacitors are not shown.
‡ TI recommends designing AC coupled systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com