Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN28835FS Datasheet(PDF) 1 Page - Texas Instruments

Part # SN28835FS
Description  786- 횞 488-pixel ccd image sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28835FS Datasheet(HTML) 1 Page - Texas Instruments

  SN28835FS Datasheet HTML 1Page - Texas Instruments SN28835FS Datasheet HTML 2Page - Texas Instruments SN28835FS Datasheet HTML 3Page - Texas Instruments SN28835FS Datasheet HTML 4Page - Texas Instruments SN28835FS Datasheet HTML 5Page - Texas Instruments SN28835FS Datasheet HTML 6Page - Texas Instruments SN28835FS Datasheet HTML 7Page - Texas Instruments SN28835FS Datasheet HTML 8Page - Texas Instruments SN28835FS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TC245
786-
× 488-PIXEL CCD IMAGE SENSOR
SOCS019A – DECEMBER 1991
Copyright
© 1991, Texas Instruments Incorporated
2-1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• High-Resolution, Solid-State Image Sensor
for NTSC B/W TV Applications
• 8-mm Image-Area Diagonal, Compatible
With 1/2” Vidicon Optics
• 755 (H) x 242 (V) Active Elements in
Image-Sensing Area
• Advanced On-Chip Signal Processing
• Low Dark Current
• Electron-Hole Recombination Antiblooming
• Dynamic Range . . . More Than 70 dB
• High Sensitivity
• High Photoresponse Uniformity
• High Blue Response
• Single-Phase Clocking
• Solid-State Reliability With No Image
Burn-in, Residual Imaging, Image
Distortion, Image Lag, or Microphonics
description
The TC245 is a frame-transfer charge-coupled device (CCD) image sensor designed for use in single-chip B/W
NTSC TV applications. The device is intended to replace a 1/2-inch vidicon tube in applications requiring small
size, high reliability, and low cost.
The image-sensing area of the TC245 is configured into 242 lines with 786 elements in each line. Twenty-nine
elements are provided in each line for dark reference. The blooming-protection feature of the sensor is based
on recombining excess charge with charge of opposite polarity in the substrate. This antiblooming is activated
by supplying clocking pulses to the antiblooming gate, which is an integral part of each image-sensing element.
The sensor is designed to operate in an interlace mode, electronically displacing the image-sensing elements
in alternate fields by one-half of a vertical line during the charge integration period, effectively increasing the
vertical resolution and minimizing aliasing. The device can also be operated as a 755 (H) by 242 (V)
noninterlaced sensor with significant reduction in the dark signal.
A gated floating-diffusion detection structure with an automatic reset and voltage reference incorporated on-chip
converts charge to signal voltage. The signal is further processed by a low-noise, state-of-the-art correlated
clamp-sample-and-hold circuit. A low-noise, two-stage, source-follower amplifier buffers the output and
provides high output-drive capability. The image is read out through three outputs, each of which reads out every
third image column.
The TC245 is built using TI-proprietary virtual-phase technology, which provides devices with high blue
response, low dark signal, good uniformity, and single-phase clocking. The TC245 is characterized for operation
from –10
°C to 45°C.
This MOS device contains limited built-in gate protection. During storage or handling, the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to SUB. Under no
circumstances should pin voltages exceed absolute maximum ratings. Avoid shorting OUTn to ADB during operation to prevent
damage to the amplifier. The device can also be damaged if the output terminals are reverse-biased and an excessive current is
allowed to flow. Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling
Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
SUB
1
IAG
2
ABG
3
ADB
4
OUT3
5
OUT2
6
OUT1
7
AMP GND
8
CDB
9
SUB 10
20 SUB
19 IAG
18 ABG
17 SAG
16 SRG3
15 SRG2
14 SRG1
13 NC
12 TRG
11 IDB
DUAL-IN-LINE PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN28835FS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN28835FS TI-SN28835FS Datasheet
254Kb / 17P
1/2-INCH NTSC TIMER
SN28835FS TI-SN28835FS Datasheet
311Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
SN28835FS-X TI-SN28835FS-X Datasheet
254Kb / 17P
1/2-INCH NTSC TIMER
More results

Similar Description - SN28835FS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC211 TI-TC211 Datasheet
173Kb / 13P
192- 횞 165-pixel ccd image sensor
TC213 TI-TC213 Datasheet
325Kb / 21P
1024- 횞 512-pixel ccd image sensor
TC217 TI-TC217 Datasheet
384Kb / 21P
1158- 횞 488-pixel ccd image sensor
TC237 TI-TC237 Datasheet
191Kb / 15P
680- 횞 500-pixel ccd image sensor
TC241 TI-TC241 Datasheet
282Kb / 18P
780- 횞 488-pixel ccd image sensor
TC244A TI-TC244A Datasheet
311Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
735- 횞 580-PIXEL CCD IMAGE SENSOR
TC240 TI1-TC240 Datasheet
302Kb / 19P
780- 횞 488-PIXEL CCD IMAGE SENSOR
TC244 TI1-TC244 Datasheet
312Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
TC271 TI1-TC271 Datasheet
373Kb / 22P
1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com