Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN28835FS Datasheet(PDF) 9 Page - Texas Instruments

Part # SN28835FS
Description  786- 횞 488-pixel ccd image sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28835FS Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN28835FS Datasheet HTML 5Page - Texas Instruments SN28835FS Datasheet HTML 6Page - Texas Instruments SN28835FS Datasheet HTML 7Page - Texas Instruments SN28835FS Datasheet HTML 8Page - Texas Instruments SN28835FS Datasheet HTML 9Page - Texas Instruments SN28835FS Datasheet HTML 10Page - Texas Instruments SN28835FS Datasheet HTML 11Page - Texas Instruments SN28835FS Datasheet HTML 12Page - Texas Instruments SN28835FS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TC245
786-
× 488-PIXEL CCD IMAGE SENSOR
SOCS019A – DECEMBER 1991
2-9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
mV
Amplitude
t
Illumination
% of Total
t
Figure 8. Pixel Nonuniformity,
Figure 9. Pixel Nonuniformity,
Dark Condition
Illuminated Condition
The grade specification for the TC245 is as follows (CCD video-output signal is 50 mV
±10 mV):
Pixel nonuniformity:
PART
DARK CONDITION
ILLUMINATED CONDITION
TOTAL
DISTANCE
PART
PIXEL
NONUNIFORM PIXEL TYPE
%OFTOTAL
AREA A
AREA B
TOTAL
DISTANCE
SEPARATION
PART
NUMBER
PIXEL
AMPLITUDE x
WHITE
BLACK
W/B†
% OF TOTAL
AREA A
AREA B
TOTAL
COUNT‡
X
Y
AREA
NUMBER
AMPLITUDE, x
(mV)
AREA
AREA
AREA
ILLUMINATION
AREA A
AREA B
COUNT‡
X
Y
AREA
(mV)
A
B
A
B
A
B
TC245-20
x > 3.5
0
0
0
0
0
0
x > 5
0
0
—
—
—
—
TC245-30
2.5 < x
≤ 3.5
2
5
2
5
2
5
5.0 < x
≤ 7.5
2
5
12
100
80
A
TC245-30
x > 3.5
0
0
0
0
0
0
x > 7.5
0
0
12
100
80
A
TC245-40
3.5 < x
≤ 7
3
7
3
7
3
7
7.5 < x
≤ 15
3
7
15
—
—
—
TC245-40
x > 7
0
0
0
0
0
0
x > 15
0
0
15
—
—
—
† White and black nonuniform pixel pair
‡ The total spot count is the sum of all nonuniform white, black, and white/black pairs in the dark condition added to the number of nonuniform black
pixels in the illuminated condition. The sum of all nonuniform combinations will not exceed the total count.
Column nonuniformity:
PART
COLUMN
AMPLITUDE x
WHITE
BLACK
PART
NUMBER
AMPLITUDE, x
(mV)
AREAS
AREAS
NUMBER
(mV)
AREAS
A AND B
AREAS
A AND B
TC245-20
x > 0.3
0
0
TC245-30
x > 0.5
0
0
TC245-40
x > 0.7
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com