Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN28835FS Datasheet(PDF) 15 Page - Texas Instruments

Part # SN28835FS
Description  786- 횞 488-pixel ccd image sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28835FS Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN28835FS Datasheet HTML 11Page - Texas Instruments SN28835FS Datasheet HTML 12Page - Texas Instruments SN28835FS Datasheet HTML 13Page - Texas Instruments SN28835FS Datasheet HTML 14Page - Texas Instruments SN28835FS Datasheet HTML 15Page - Texas Instruments SN28835FS Datasheet HTML 16Page - Texas Instruments SN28835FS Datasheet HTML 17Page - Texas Instruments SN28835FS Datasheet HTML 18Page - Texas Instruments SN28835FS Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
TC245
786-
× 488-PIXEL CCD IMAGE SENSOR
SOCS019A – DECEMBER 1991
2-15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.01
0.001
1
0.1
700
800
900
Incident Wavelength – nm
CCD SPECTRAL RESPONSIVITY
400
500
600
1000 1100
VADB = 12 V, TA = 25°C
No IR Filter
Light Power = 1.5
µW/cm2
Light Box: Canon SA702
100
60
50
40
30
20
10
5
3
2
300
Figure 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com