Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12CPUV2 Datasheet(PDF) 77 Page - Motorola, Inc

Part # S12CPUV2
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2 Datasheet(HTML) 77 Page - Motorola, Inc

Back Button S12CPUV2 Datasheet HTML 73Page - Motorola, Inc S12CPUV2 Datasheet HTML 74Page - Motorola, Inc S12CPUV2 Datasheet HTML 75Page - Motorola, Inc S12CPUV2 Datasheet HTML 76Page - Motorola, Inc S12CPUV2 Datasheet HTML 77Page - Motorola, Inc S12CPUV2 Datasheet HTML 78Page - Motorola, Inc S12CPUV2 Datasheet HTML 79Page - Motorola, Inc S12CPUV2 Datasheet HTML 80Page - Motorola, Inc S12CPUV2 Datasheet HTML 81Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
77
Section 4 Modes of Operation
4.1 Overview
Eight possible modes determine the operating configuration of the MC9S12DT128. Each mode has an
associated default memory map and external bus configuration controlled by a further pin.
Three low power modes exist for the device.
4.2 Chip Configuration Summary
The operating mode out of reset is determined by the states of the MODC, MODB, and MODA pins during
reset (Table 4-1). The MODC, MODB, and MODA bits in the MODE register show the current operating
mode and provide limited mode switching during operation. The states of the MODC, MODB, and MODA
pins are latched into these bits on the rising edge of the reset signal. The ROMCTL signal allows the setting
of the ROMON bit in the MISC register thus controlling whether the internal Flash is visible in the
memory map. ROMON = 1 mean the Flash is visible in the memory map. The state of the ROMCTL pin
is latched into the ROMON bit in the MISC register on the rising edge of the reset signal.
For further explanation on the modes refer to the HCS12 Multiplexed External Bus Interface Block Guide.
Table 4-1 Mode Selection
BKGD =
MODC
PE6 =
MODB
PE5 =
MODA
PK7 =
ROMCTL
ROMON
Bit
Mode Description
000
X
1
Special Single Chip, BDM allowed and ACTIVE. BDM is
allowed in all other modes but a serial command is
required to make BDM active.
001
01
Emulation Expanded Narrow, BDM allowed
10
0
1
0
X
0
Special Test (Expanded Wide), BDM allowed
011
01
Emulation Expanded Wide, BDM allowed
10
1
0
0
X
1
Normal Single Chip, BDM allowed
101
00
Normal Expanded Narrow, BDM allowed
11
110
X
1
Special Peripheral; BDM allowed but bus operations
would cause bus conflicts (must not be used)
111
00
Normal Expanded Wide, BDM allowed
11
Table 4-2 Clock Selection Based on PE7
PE7 = XCLKS
Description
1
Colpitts Oscillator selected
0
Pierce Oscillator/external clock selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com