Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12CPUV2 Datasheet(PDF) 89 Page - Motorola, Inc

Part # S12CPUV2
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2 Datasheet(HTML) 89 Page - Motorola, Inc

Back Button S12CPUV2 Datasheet HTML 85Page - Motorola, Inc S12CPUV2 Datasheet HTML 86Page - Motorola, Inc S12CPUV2 Datasheet HTML 87Page - Motorola, Inc S12CPUV2 Datasheet HTML 88Page - Motorola, Inc S12CPUV2 Datasheet HTML 89Page - Motorola, Inc S12CPUV2 Datasheet HTML 90Page - Motorola, Inc S12CPUV2 Datasheet HTML 91Page - Motorola, Inc S12CPUV2 Datasheet HTML 92Page - Motorola, Inc S12CPUV2 Datasheet HTML 93Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
89
Section 21 Port Integration Module (PIM) Block Description
Consult the PIM_9DTB128 Block User Guide for information about the Port Integration Module.
Section 22 Voltage Regulator (VREG) Block Description
Consult the VREG Block User Guide for information about the dual output linear voltage regulator.
Section 23 Printed Circuit Board Layout Proposal
The PCB must be carefully laid out to ensure proper operation of the voltage regulator as well as of the
MCU itself. The following rules must be observed:
•
Every supply pair must be decoupled by a ceramic capacitor connected as near as possible to the
corresponding pins (C1 – C6).
•
Central point of the ground star should be the VSSR pin.
Table 23-1 Suggested External Component Values
Component
Purpose
Type
Value
C1
VDD1 filter cap
ceramic X7R
100 … 220nF
C2
VDD2 filter cap
ceramic X7R
100 … 220nF
C3
VDDA filter cap
ceramic X7R
100nF
C4
VDDR filter cap
X7R/tantalum
>= 100nF
C5
VDDPLL filter cap
ceramic X7R
100nF
C6
VDDX filter cap
X7R/tantalum
>= 100nF
C7
OSC load cap
C8
OSC load cap
C9 / CS
PLL loop filter cap
See PLL specification chapter
C10 / CP
PLL loop filter cap
C11 / CDC
DC cutoff cap
Colpitts mode only, if recommended by
quartz manufacturer
R1 / R
PLL loop filter res
See PLL Specification chapter
R2 / RB
Pierce mode only
R3 / RS
Q1
Quartz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com