Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12CPUV2 Datasheet(PDF) 22 Page - Motorola, Inc

Part # S12CPUV2
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button S12CPUV2 Datasheet HTML 18Page - Motorola, Inc S12CPUV2 Datasheet HTML 19Page - Motorola, Inc S12CPUV2 Datasheet HTML 20Page - Motorola, Inc S12CPUV2 Datasheet HTML 21Page - Motorola, Inc S12CPUV2 Datasheet HTML 22Page - Motorola, Inc S12CPUV2 Datasheet HTML 23Page - Motorola, Inc S12CPUV2 Datasheet HTML 24Page - Motorola, Inc S12CPUV2 Datasheet HTML 25Page - Motorola, Inc S12CPUV2 Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
22
–
Port K
Port K pull-up resistors are enabled out of reset, i.e. Bit 7 = PUKE = 1 in the register PUCR at
Base+$000C. Therefore care must be taken not to clear this bit.
–
Port M[1:0]
PM1:0 must be configured as outputs or their pull resistors must be enabled to avoid floating
inputs.
–
Port P6
PP6 must be configured as output or its pull resistor must be enabled to avoid a floating input.
–
Port S[3:2]
PS3:2 must be configured as outputs or their pull resistors must be enabled to avoid floating
inputs.
–
PAD[15:8] (ATD1 channels)
Out of reset the ATD1 is disabled preventing current flows in the pins. Do not modify the ATD1
registers!
Document References
The Device User Guide provides information about the MC9S12DT128 device made up of standard
HCS12 blocks and the HCS12 processor core.
This document is part of the customer documentation. A complete set of device manuals also includes all
the individual Block User Guides of the implemented modules. In a effort to reduce redundancy all module
specific information is located only in the respective Block User Guide. If applicable, special
implementation details of the module are given in the block description sections of this document.
See Table 0-2 for names and versions of the referenced documents throughout the Device User Guide.
Table 0-2 Document References
User Guide
Version
Document Order Number
HCS12 CPU Reference Manual
V02
S12CPUV2/D
HCS12 Module Mapping Control (MMC) Block Guide
V04
S12MMCV4/D
HCS12 Multiplexed External Bus Interface (MEBI) Block Guide
V03
S12MEBIV3/D
HCS12 Interrupt (INT) Block Guide
V01
S12INTV1/D
HCS12 Background Debug Module (BDM) Block Guide
V04
S12BDMV4/D
HCS12 Breakpoint (BKP) Block Guide
V01
S12BKPV1/D
Clock and Reset Generator (CRG) Block User Guide
V04
S12CRGV4/D
Oscillator (OSC) Block User Guide
V02
S12OSCV2/D
Enhanced Capture Timer 16 Bit 8 Channel (ECT_16B8C) Block User Guide
V01
S12ECT16B8CV1/D
Analog to Digital Converter 10 Bit 8 Channel (ATD_10B8C) Block User Guide
V02
S12ATD10B8CV2/D
Inter IC Bus (IIC) Block User Guide
V02
S12IICV2/D
Asynchronous Serial Interface (SCI) Block User Guide
V02
S12SCIV2/D
Serial Peripheral Interface (SPI) Block User Guide
V02
S12SPIV2/D
Pulse Width Modulator 8 Bit 8 Channel (PWM_8B8C) Block User Guide
V01
S12PWM8B8CV1/D
128K Byte Flash (FTS128K) Block User Guide
V02
S12FTS128KV2/D
2K Byte EEPROM (EETS2K) Block User Guide
V01
S12EETS2KV1/D
Byte Level Data Link Controller -J1850 (BDLC) Block User Guide
V01
S12BDLCV1/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com