Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12CPUV2 Datasheet(PDF) 104 Page - Motorola, Inc

Part # S12CPUV2
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2 Datasheet(HTML) 104 Page - Motorola, Inc

Back Button S12CPUV2 Datasheet HTML 100Page - Motorola, Inc S12CPUV2 Datasheet HTML 101Page - Motorola, Inc S12CPUV2 Datasheet HTML 102Page - Motorola, Inc S12CPUV2 Datasheet HTML 103Page - Motorola, Inc S12CPUV2 Datasheet HTML 104Page - Motorola, Inc S12CPUV2 Datasheet HTML 105Page - Motorola, Inc S12CPUV2 Datasheet HTML 106Page - Motorola, Inc S12CPUV2 Datasheet HTML 107Page - Motorola, Inc S12CPUV2 Datasheet HTML 108Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
104
A.1.10 Supply Currents
This section describes the current consumption characteristics of the device as well as the conditions for
the measurements.
Table A-6 5V I/O Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
P Input High Voltage
V
IH
0.65*VDD5
–V
T Input High Voltage
V
IH
––
VDD5 + 0.3
2
P Input Low Voltage
V
IL
––
0.35*VDD5
V
T Input Low Voltage
V
IL
VSS5 – 0.3
––
V
3
C Input Hysteresis
V
HYS
250
mV
4P
Input Leakage Current (pins in high ohmic input
mode)
V
in
= V
DD5
or V
SS5
I
in
-1.0
–
1.0
µA
5C
P
Output High Voltage (pins in output mode)
Partial Drive IOH = –2.0mA
Full Drive IOH = –10.0mA
V
OH
VDD5 – 0.8
––
V
6C
P
Output Low Voltage (pins in output mode)
Partial Drive IOL = +2.0mA
Full Drive IOL = +10.0mA
V
OL
–
–
0.8
V
7P
Internal Pull Up Device Current,
tested at V
IL
Max.
IPUL
–
–
–130
µA
8C
Internal Pull Up Device Current,
tested at V
IH
Min.
IPUH
–10
–
–
µA
9P
Internal Pull Down Device Current,
tested at V
IH
Min.
IPDH
–
–
130
µA
10
C
Internal Pull Down Device Current,
tested at V
IL
Max.
IPDL
10
–
–
µA
11
D Input Capacitance
Cin
6–
pF
12
T
Injection current1
Single Pin limit
Total Device Limit. Sum of all injected currents
NOTES:
1. Refer to Section A.1.4 Current Injection, for more details
IICS
IICP
–2.5
–25
–
2.5
25
mA
13
P Port H, J, P Interrupt Input Pulse filtered 2
2. Parameter only applies in STOP or Pseudo STOP mode.
tPULSE
3
µs
14
P Port H, J, P Interrupt Input Pulse passed 2
tPULSE
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com