Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4031 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4031 Datasheet HTML 6Page - Texas Instruments THS4031 Datasheet HTML 7Page - Texas Instruments THS4031 Datasheet HTML 8Page - Texas Instruments THS4031 Datasheet HTML 9Page - Texas Instruments THS4031 Datasheet HTML 10Page - Texas Instruments THS4031 Datasheet HTML 11Page - Texas Instruments THS4031 Datasheet HTML 12Page - Texas Instruments THS4031 Datasheet HTML 13Page - Texas Instruments THS4031 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
8
6
4
0
–2
–1.6
–1.2
–0.8
–0.4
0
10
12
INPUT OFFSET VOLTAGE DISTRIBUTION
14
0.4
0.8
1.2
2
VIO – Input Offset Voltage – mV
VCC = ± 15 V
250 Samples
3 Wafer Lots
TA = 25°C
Figure 7
15
12.5
7.5
0
–2
–1.6
–1.2
–0.8
–0.4
0
17.5
20
INPUT OFFSET VOLTAGE DISTRIBUTION
22.5
0.4
0.8
1.2
2.5
VIO – Input Offset Voltage – mV
VCC = ± 5 V
250 Samples
3 Wafer Lots
TA = 25°C
10
5
Figure 8
VCC = ± 5 V
VCC = ± 15 V
–0.45
–0.5
–0.55
–0.6
–40
–20
0
20
–0.4
–0.35
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
–0.3
40
100
60
80
TA – Free-Air Temperature – °C
Figure 9
2.90
2.85
2.80
2.70
–40
–20
0
20
40
3
3.05
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
3.10
60
80
100
2.95
2.75
TA – Free-Air Temperature – °C
VCC = ± 15 V
VCC = ± 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com