Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4031 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031 Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS4031 Datasheet HTML 15Page - Texas Instruments THS4031 Datasheet HTML 16Page - Texas Instruments THS4031 Datasheet HTML 17Page - Texas Instruments THS4031 Datasheet HTML 18Page - Texas Instruments THS4031 Datasheet HTML 19Page - Texas Instruments THS4031 Datasheet HTML 20Page - Texas Instruments THS4031 Datasheet HTML 21Page - Texas Instruments THS4031 Datasheet HTML 22Page - Texas Instruments THS4031 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 39
0
–0.2
–0.4
–0.6
0
200
400
600
0.2
0.4
t – Time – ns
1-V STEP RESPONSE
0.6
800
1000
VCC = ± 5 V
Gain = 2
RF = 300 Ω
RL = 150 Ω
See Figure 4
Figure 40
0
–0.2
–0.4
–0.6
0
200
400
600
0.2
0.4
t – Time – ns
1-V STEP RESPONSE
0.6
800
1000
VCC = ± 15 V
Gain = 2
RF = 300 Ω
RL = 150 Ω
See Figure 4
Figure 41
0
–0.5
–1.5
–2.5
0
200
400
600
1.5
2
t – Time – ns
4-V STEP RESPONSE
2.5
800
1000
VCC = ± 5 V
Gain = –1
RF = 430 Ω
RL = 150 Ω
See Figure 5
1
0.5
–1
–2
Figure 42
0
–5
–10
–15
0
200
400
600
5
10
t – Time – ns
20-V STEP RESPONSE
15
800
1000
RL = 1 kΩ
RL = 150 Ω
VCC = ± 15 V
Gain = 2
RF = 330 Ω
See Figure 4
Offset For Clarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com