Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4031 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031 Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS4031 Datasheet HTML 10Page - Texas Instruments THS4031 Datasheet HTML 11Page - Texas Instruments THS4031 Datasheet HTML 12Page - Texas Instruments THS4031 Datasheet HTML 13Page - Texas Instruments THS4031 Datasheet HTML 14Page - Texas Instruments THS4031 Datasheet HTML 15Page - Texas Instruments THS4031 Datasheet HTML 16Page - Texas Instruments THS4031 Datasheet HTML 17Page - Texas Instruments THS4031 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 20
–70
–80
–100
–110
100 k
1 M
–60
–50
f – Frequency – Hz
HARMONIC DISTORTION
vs
FREQUENCY
–40
10 M
–90
THS4031
Second Harmonic
THS4032
Second Harmonic
VCC = ± 15 V and ± 5 V
Gain = 2
RF = 300 Ω
RL = 1 kΩ
VO(PP) = 2 V
THS4031 and THS4032
Third Harmonics
Figure 21
–70
–80
–100
–110
100 k
1 M
–60
–50
f – Frequency – Hz
HARMONIC DISTORTION
vs
FREQUENCY
–40
10 M
–90
THS4032
Second Harmonic
VCC = ± 15 V and ± 5 V
Gain = 2
RF = 300 Ω
RL = 150 Ω
VO(PP) = 2 V
THS4031 and THS4032
Third Harmonics
THS4031
Second Harmonic
Figure 22
THS4032
Second Harmonic
VCC = ± 15 V
Gain = 5
RF = 300 Ω
RL = 1 kΩ
f = 1 MHz
THS4031 and THS4032
Third Harmonics
THS4031
Second Harmonic
–80
–90
–100
–110
02
4
6
8
10
12
–70
–60
HARMONIC DISTORTION
vs
PEAK-TO-PEAK OUTPUT VOLTAGE
–50
14
16
18
20
VO(PP) – Peak-to-Peak Output Voltage – V
Figure 23
THS4032
Second Harmonic
VCC = ± 15 V
Gain = 5
RF = 300 Ω
RL = 150 Ω
f = 1 MHz
THS4031 and THS4032
Third Harmonics
THS4031
Second Harmonic
–80
–90
–100
–110
02
4
6
8
10
12
–70
–60
HARMONIC DISTORTION
vs
PEAK-TO-PEAK OUTPUT VOLTAGE
–50
14
16
18
20
VO(PP) – Peak-to-Peak Output Voltage – V
–40
–30
–20
–10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com