Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4601CDDA Datasheet(PDF) 6 Page - Texas Instruments

Part # THS4601CDDA
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4601CDDA Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4601CDDA Datasheet HTML 2Page - Texas Instruments THS4601CDDA Datasheet HTML 3Page - Texas Instruments THS4601CDDA Datasheet HTML 4Page - Texas Instruments THS4601CDDA Datasheet HTML 5Page - Texas Instruments THS4601CDDA Datasheet HTML 6Page - Texas Instruments THS4601CDDA Datasheet HTML 7Page - Texas Instruments THS4601CDDA Datasheet HTML 8Page - Texas Instruments THS4601CDDA Datasheet HTML 9Page - Texas Instruments THS4601CDDA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
THS4601
SLOS388B – OCTOBER 2001 – REVISED JUNE 2002
6
www.ti.com
electrical specifications: VS = ±5 V; RF = 250 Ω, RL = 1 kΩ and G = +2 (unless otherwise noted)
(continued)
THS4601
PARAMETER
TEST CONDITIONS
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
–40
°C
to 85
°C
MIN/
MAX
UNIT
POWER SUPPLY
Specified operating voltage
±5
±16.5
±16.5
±16.5
Max
V
Maximum quiescent current
9.6
11.2
11.4
11.7
Max
mA
Minimum quiescent current
9.6
8.2
8.0
7.7
Min
mA
Power supply rejection
+PSRR
110
90
88
86
Min
dB
Power supply rejection
–PSRR
110
90
88
86
Min
dB
TEMPERATURE
Specified operating range, TA
–40 to 85
Typ
°C
Thermal resistance,
θJA
Junction-to-ambient
8D: SO–8
170
Typ
°C/W
8DDA: SO–8 with PowerPAD
67
Typ
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com