Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4601CDDA Datasheet(PDF) 14 Page - Texas Instruments

Part # THS4601CDDA
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4601CDDA Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS4601CDDA Datasheet HTML 10Page - Texas Instruments THS4601CDDA Datasheet HTML 11Page - Texas Instruments THS4601CDDA Datasheet HTML 12Page - Texas Instruments THS4601CDDA Datasheet HTML 13Page - Texas Instruments THS4601CDDA Datasheet HTML 14Page - Texas Instruments THS4601CDDA Datasheet HTML 15Page - Texas Instruments THS4601CDDA Datasheet HTML 16Page - Texas Instruments THS4601CDDA Datasheet HTML 17Page - Texas Instruments THS4601CDDA Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
THS4601
SLOS388B – OCTOBER 2001 – REVISED JUNE 2002
14
www.ti.com
APPLICATION INFORMATION
designing the transimpedance circuit (continued)
The feedback capacitor provides a pole in the noise gain of the circuit, counteracting the zero in the noise gain
caused by the source capacitance. The pole is set such that the noise gain achieves a 20 dB per decade
rate-of-closure with the open-loop gain response of the amplifier, resulting in a stable circuit. As indicated, the
formula given provides the feedback capacitance for maximally flat bandwidth. Reduction in the value of the
feedback capacitor can increase the signal bandwidth, but this occurs at the expense of peaking in the AC
response.
20 dB/Decade
Rate-of-Closure
GBP
20 dB/
Decade
–20 dB/
Decade
AOL
Noise Gain
0
Gain
Zero
Pole
f
Figure 28. Transimpedance Circuit Bode Plot
The performance of the THS4601 has been measured for a variety of transimpedance gains with a variety of
source capacitances. The achievable bandwidths of the various circuit configurations are summarized
numerically in the table. The frequency responses are presented in the Figures 27, 28, and 29.
Note that the feedback capacitances do not correspond exactly with the values predicted by the equation. They
have been tuned to account for the parasitic capacitance of the feedback resistor (typically 0.2 pF for 0805
surface mount devices) as well as the additional capacitance associated with the PC board. The equation
should be used as a starting point for the design, with final values for CF optimized in the laboratory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com