Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4601CDDA Datasheet(PDF) 20 Page - Texas Instruments

Part # THS4601CDDA
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4601CDDA Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS4601CDDA Datasheet HTML 16Page - Texas Instruments THS4601CDDA Datasheet HTML 17Page - Texas Instruments THS4601CDDA Datasheet HTML 18Page - Texas Instruments THS4601CDDA Datasheet HTML 19Page - Texas Instruments THS4601CDDA Datasheet HTML 20Page - Texas Instruments THS4601CDDA Datasheet HTML 21Page - Texas Instruments THS4601CDDA Datasheet HTML 22Page - Texas Instruments THS4601CDDA Datasheet HTML 23Page - Texas Instruments THS4601CDDA Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
THS4601
SLOS388B – OCTOBER 2001 – REVISED JUNE 2002
20
www.ti.com
APPLICATION INFORMATION
overdrive recovery (continued)
Figure 36
–3
–20
–15
–10
–5
0
5
10
15
20
01
2
3
4
–4
–2
–1
0
1
2
3
4
Time –
µs
RISING EDGE OVERDRIVE RECOVERY
Gain = 5,
VIN = 5.57 VPP,
Recovery Time = 340 ns
Input
Output
Figure 37
–3
–20
–15
–10
–5
0
5
10
15
20
01
2
3
4
–4
–2
–1
0
1
2
3
4
Time –
µs
FALLING EDGE OVERDRIVE RECOVERY
Gain = 5,
VIN = 5.57 VPP,
Recovery Time = 320 ns
Input
Output
Figure 38
–3
–20
–15
–10
–5
0
5
10
15
20
01
2
3
4
–4
–2
–1
0
1
2
3
4
Time –
µs
FALLING EDGE OVERDRIVE RECOVERY
Gain = 5,
VIN = 6 VPP,
Recovery Time = 540 ns
Input
Output
Figure 39
–3
–20
–15
–10
–5
0
5
10
15
20
01
23
4
–4
–2
–1
0
1
2
3
4
Time –
µs
RISING EDGE OVERDRIVE RECOVERY
Gain = 5,
VIN = 6 VPP,
Recovery Time = 680 ns
Input
Output
high frequency continuous wave amplification
When presented with high frequency sinusoids in low-gain configurations (G < 5), the THS4601 experiences
a relatively large differential input voltage between the two input terminals of the amplifier. As this differential
input voltage increases, the internal slew-boosting circuitry can cause some transistors in the signal path to
enter the cutoff region of operation. As the derivative of the signal changes signs, these transistors suffer from
a short recovery time period, generating appreciable levels of distortion. This behavior is depicted in the graph
Harmonic Distortion vs Frequency. At 2 MHz with a 2 VPP output signal, the distortion rises significantly. For most
high-gain configurations including transimpedance applications, this phenomena is not problematic.
slew rate performance with varying input step amplitude and rise/fall time
Some FET input amplifiers exhibit the peculiar behavior of having a larger slew rate when presented with smaller
input voltage steps and slower edge rates due to a change in bias conditions in the input stage of the amplifier
under these circumstances. This phenomena is most commonly seen when FET input amplifiers are used as
voltage followers. As this behavior is typically undesirable, the THS4601 has been designed to avoid these
issues. Larger amplitudes lead to higher slew rates, as would be anticipated, and fast edges do not degrade
the slew rate of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com