Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2002L Datasheet(PDF) 20 Page - HYES Optoelectronics, Inc.

Part # HT2002L
Description  LCD MODULE (176 횞 RGB 횞 220 Dots)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT2002L Datasheet(HTML) 20 Page - HYES Optoelectronics, Inc.

Back Button HT2002L Datasheet HTML 15Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 16Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 17Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 18Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 19Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 20Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 21Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 22Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 23Page - HYES Optoelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
TECHNICAL SPECIFICATION
Date : Dec. 13, 2007
LCM
HT2002L
Page 20 of 23
(3.3) Appearance Spec
No
Item
Criteria
Rank
Remark
8
Pin hole
(X+Y)/2 ≤ 0.2㎜
MI
(On Segment)
Within 1 per one
segment ( Less than 0.1㎜
is not counted)
Total defects q'ty is must not exceed 5 pieces.
9
Segment
MI
(X + Y)/2
Deformation
≤ 0.2㎜
(X+Y)/2 ≤ 0.2㎜
A ≤ 0.2㎜
B ≤ 0.2㎜
(C-D) ≤ 0.2㎜
Acceptable Q’ty
Dot, Segment
1
LCD
5
≤ 0.1
Ignore all defect
Each visible dot must be more than half
effective dot area
10 Color Variation
Within the three colors, except LCD
MI
Standard color is acceptable.
11 Glass & Polarizer
Follow NO.5(2) condition
MI
Scratch
12 Solder Ball
1)Acceptable if the size of void is less
MI
than 0.18㎜
2)Acceptable if a solder ball is not movable
3)Rejectable if the solder ball exceed
5EA in 2.54 × 2.54㎜ area.
13 Miss Alignment
1)Acceptable if it dose not exceed 50% of
the lead width IC.
X ≤ W/2 : Accept
X >W/2 : Reject
IC LEAD
2)Rejectable, provided that it does
exceed 50% of the component
termination width.
W1 > W2 : Reject
Note : A limitation sample is given top priority
Y
X
A
X
Y
B
C
PAD
W
W2
W1
D
W
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com