Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2002L Datasheet(PDF) 9 Page - HYES Optoelectronics, Inc.

Part # HT2002L
Description  LCD MODULE (176RGB220 Dots)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT2002L Datasheet(HTML) 9 Page - HYES Optoelectronics, Inc.

Back Button HT2002L Datasheet HTML 5Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 6Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 7Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 8Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 9Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 10Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 11Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 12Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 13Page - HYES Optoelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
3. Optical Characteristics
Transmissive mode
(Ta = 25℃)
Item
Symbol
Min.
Typ.
Max.
Condition Note
-
-
-
-
* Ø = 0˚, Ø = 90˚ means viewing direction.
* B/L is turned on.
* Remark : As for contrast ratio, it is measured in only Panel.
Cr > 10
Viewing Angle
300
-
θ = 0
Ø = 0
-
18mA/LED
Uniformity
70
-
-
200
230
0.24,0.24
0.29,0.29
W
(x,y)
Brightness
L
0.34,0.34
-
cd/m2
0.33,0.59
0.38,0.64
0.14,0.07
0.19,0.12
0.63,0.34
0.68,0.39
R
(x,y)
0.58,0.29
G
(x,y)
0.28,0.54
B
(x,y)
0.09,0.02
-ms
θ = 0
Ø = 0
Response Time
Tr + Tf
-
25
Contrast ratio
Cr
150
Unit
10
15
U
D
L
R40
35
45
40
45
45
Deg
TECHNICAL SPECIFICATION
Date : Dec. 13, 2007
LCM
HT2002L
Page 9 of 23
CIE
Coordi
- nate
θ = 0
Ø = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com