Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2002L Datasheet(PDF) 4 Page - HYES Optoelectronics, Inc.

Part # HT2002L
Description  LCD MODULE (176 횞 RGB 횞 220 Dots)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT2002L Datasheet(HTML) 4 Page - HYES Optoelectronics, Inc.

  HT2002L Datasheet HTML 1Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 2Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 3Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 4Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 5Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 6Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 7Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 8Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 9Page - HYES Optoelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
1. Basic Specfications
1.1 Display Specifications
Item
Description
Note
Resolution
176 × RGB × 220
Display mode
TFT, Normally White, Transmissive
Viewing direction
6 O'clock
Driving method
528Ch-Source, 220Ch-Gate
Backlighting
LED, White (3 chips in parallel)
Diver IC
LGDP4524, COG
Others
80-Series, 16/8-Bit Parallel Data
1.2 Mechanical Specifications
Item
Specification
Unit
Module Size (W × H × T)
38.4 × 51.4 × 2.35
mm
Viewing Area (W × H)
-
mm
Active Area (W × H)
31.68 × 39.6
mm
Dot Size (W × H)
0.05 × 0.17
mm
Dot Pitch (W × H)
0.06 × 0.18
mm
Weight
About 6
g
262K Color
TECHNICAL SPECIFICATION
Date : Dec. 13, 2007
LCM
HT2002L
Page 4 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com