Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2204L Datasheet(PDF) 13 Page - HYES Optoelectronics, Inc.

Part # HT2204L
Description  LCD MODULE (240 횞 RGB 횞 320 Dots)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT2204L Datasheet(HTML) 13 Page - HYES Optoelectronics, Inc.

Back Button HT2204L Datasheet HTML 9Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 10Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 11Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 12Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 13Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 14Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 15Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 16Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 17Page - HYES Optoelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
6. Recommended Software Setting Values (Initial code)
LDI :R61505U
NOTE: HYES requires the customer to follow the above instructions strictly. If customer would like to change
the above instructions, the customer should inform HYES and get re-check from HYES,
or the customer will be responsible for any unexpected result because of the change.
TECHNICAL SPECIFICATION
Date : Apr. 18, 2008
LCM
HT2204L
Page 13 of 24
Deep standby on sequence
display off sequence
Deep standby off sequence
exit deep standby mode
cs=low 6 times
0001(DALAY 20)ms
call
initial code
Power supply off sequence
Partial display sequence
0000
0000
0080
0020(1st display area)
0081
REG NO
VALUE
0013
0001
0039
0001(DALAY 20)ms
0000
0173
0007
0001
0010
0100
000A
0008
0004
0009
0007
0061(DALAY 20)ms
0063
0021
0007
0017
0011
0017
0022
003C
0036
1F1F
0037
0092
0090
0061
0303
0093
0007
2700
0404
000C
0000
000D
0015
0000
2203
REG NO
VALUE
0007
0000
0012
0000(DALAY 20)ms
0307
0031
0303
00A4
0060
0008
0030
0001(DALAY 20)ms
0032
0303
0033
0202
0034
0202
0035
0202
0038
0303
0303
003A
0202
003B
0102
0204
003D
0000
0007
0001
0001
0010
17B0
0007(DALAY 50)ms
0029
0010
0012
0119
1000
0012
0139(DALAY 20)ms
0100
0002
0700
0003
1030
0011
0067
0012
0109(DALAY 20)ms
partial display on
0020(1st display area)
0084
0070(2st display area)
0085
00FF(2st display area)
0007
0173
partial display off
0007
3073
0000
0050
00EF
0000
013F
0051
0052
0053
0007
0072(DALAY 20)ms
0007
0001(DALAY 20)ms
0007
0000
set deep standby mode
0780
0010
00A4
0010
0004
0700
0082
0050(1st display area)
0083
0070(2st display area)
0010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com