Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2204L Datasheet(PDF) 6 Page - HYES Optoelectronics, Inc.

Part # HT2204L
Description  LCD MODULE (240 횞 RGB 횞 320 Dots)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT2204L Datasheet(HTML) 6 Page - HYES Optoelectronics, Inc.

Back Button HT2204L Datasheet HTML 2Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 3Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 4Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 5Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 6Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 7Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 8Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 9Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 10Page - HYES Optoelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1.4 Block Diagram
TECHNICAL SPECIFICATION
Date : Apr. 18, 2008
LCM
HT2204L
Page 6 of 24
IM3
IM0
Interface
Databus
R61505U
Main LCD Panel
(240×RGB×320)
4 LED IN SERIAL
0
1
8-bit interface
DB17-10
1
0
18-bit interface
DB17-0
1
1
9-bit interface
DB17-9
0
0
16-bit interface
DB17-10 , DB8-1
S1
240×RGB
S720
LEDA/LEDK
D0~D17
/CS,
/RD,/WR
RS,
/RESET
VCC,
IOVCC(1.8V/2.8V)
,
GND,
IM0
IM3
FMARK
G319
G1
G319
G1
G320
G2
G2
G320
S1
S720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com