Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2204L Datasheet(PDF) 8 Page - HYES Optoelectronics, Inc.

Part # HT2204L
Description  LCD MODULE (240 횞 RGB 횞 320 Dots)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT2204L Datasheet(HTML) 8 Page - HYES Optoelectronics, Inc.

Back Button HT2204L Datasheet HTML 4Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 5Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 6Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 7Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 8Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 9Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 10Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 11Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 12Page - HYES Optoelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
Value
Min.
Typ.
Max
Logic
Vcc
-0.3
-
5.0
V
Ta =25℃
VGH-VGL
-
V
Ta =25℃
-
V
Ta =26℃
Input Voltage
VIN
-0.3
-
V
Ta =25℃
2-2 Environmental Conditions
Item
Symbol
Min.
Max.
Unit
Operating temperature
Topr
-20
70
℃
Storage temperature
Tstg
-30
80
℃
2-3 DC Characteristics
Spec. Value
MiN.
Typ.
Max.
2.72
2.8
2.88
V
IOVCC
1.78
1.8
1.83
V
VGH-VGL
18
-
26
V
Note 1)
-
6.0
9.0
mA
Note 2)
High level
VIH
0.8 × IOVCC
-
IOVCC
V-
Low level
VIL
-0.3
-
0.2 × IOVCC
V-
Note 1) The value can be adjusted by software to optimize display quality
Note 2) Display White
Logic
90% RH max.
LCM
HT2204L
Page 8 of 24
ICC
VCC
GATE
Remark
Supply
Voltage Range
-0.3
35
Item
Symbol
Unit
Condition
Input voltage
TECHNICAL SPECIFICATION
Items
Condition
Unit
Symbol
Date : Apr. 18, 2008
Operating voltage
Supply current
VCC
Humidity
(Ambient temperature=Ta)
Ta ≤ 60℃
--
LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com