Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TL082
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL082 Datasheet HTML 8Page - Texas Instruments TL082 Datasheet HTML 9Page - Texas Instruments TL082 Datasheet HTML 10Page - Texas Instruments TL082 Datasheet HTML 11Page - Texas Instruments TL082 Datasheet HTML 12Page - Texas Instruments TL082 Datasheet HTML 13Page - Texas Instruments TL082 Datasheet HTML 14Page - Texas Instruments TL082 Datasheet HTML 15Page - Texas Instruments TL082 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TL080, TL081, TL082, TL084, TL081A, TL082A, TL084A
TL081B, TL082B, TL084B
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
12
TYPICAL CHARACTERISTICS†
0
0
|VCC
±| – Supply Voltage – V
16
±15
2
4
6
8
10
12
14
±2.5
±5
±7.5
±10
±12.5
RL = 10 kΩ
TA = 25°C
0.1
0
RL – Load Resistance – kΩ
10
±15
±2.5
±5
±7.5
±10
±12.5
VCC
± = ±15 V
TA = 25°C
See Figure 2
0.2
0.4
0.7
1
2
4
7
MAXIMUM PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
Figure 10
Figure 11
180
°
135
°
90
°
45
°
0
°
700
70
7
–75
1
TA – Free-Air Temperature – °C
125
1000
–50
–25
0
25
50
75
100
2
4
10
20
40
100
200
400
VCC
± = ±15 V
VO = ± 10 V
RL = 2 kΩ
Phase Shift
(right scale)
TA = 25°C
RL = 10 kΩ
VCC
± = ±5 V to ±15 V
Differential
Voltage
Amplification
(left scale)
105
104
103
102
101
1 M
100 k
10 k
1 k
100
10
106
10 M
f – Frequency – Hz
1
1
LARGE-SIGNAL‡
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREQUENCY
Figure 12
Figure 13
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. A 12-pF
compensation capacitor is used with TL080.
‡ The temperature range of the C version is 0
°C to 75°C, the I version is –40°C to 85°C, and the M version is –55°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com