Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TL082
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL082 Datasheet HTML 11Page - Texas Instruments TL082 Datasheet HTML 12Page - Texas Instruments TL082 Datasheet HTML 13Page - Texas Instruments TL082 Datasheet HTML 14Page - Texas Instruments TL082 Datasheet HTML 15Page - Texas Instruments TL082 Datasheet HTML 16Page - Texas Instruments TL082 Datasheet HTML 17Page - Texas Instruments TL082 Datasheet HTML 18Page - Texas Instruments TL082 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
TL080, TL081, TL082, TL084, TL081A, TL082A, TL084A
TL081B, TL082B, TL084B
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
17
TYPICAL APPLICATION DATA
1/4
1/4
Output B
Output A
1.5 k
Ω
VCC –
43 k
Ω
220 pF
43 k
Ω
VCC +
30 k
Ω
VCC +
43 k
Ω
VCC –
16 k
Ω
43 k
Ω
Input
220 pF
220 pF
16 k
Ω
VCC –
VCC +
30 k
Ω
VCC +
43 k
Ω
220 pF
43 k
Ω
VCC –
1.5 k
Ω
1/4
TL084
TL084
1/4
TL084
TL084
2 kHz/div
Second-Order Bandpass Filter
fo = 100 kHz, Q = 30, GAIN = 4
2 kHz/div
Cascaded Bandpass Filter
fo = 100 kHz, Q = 69, GAIN = 16
Output A
Output
B
Figure 28. Positive-Feedback Bandpass Filter
Rext
100
Ω
Balance
75
µF
50 pF
47 k
Ω
10 pF
TL080
27 k
Ω
1
µF
0.01
µF
0.00375
µF
220 k
Ω
VCC +
VCC –
VCC –
VCC +
TL080
10 pF
5 k
Ω
Gain
47
µF
+
0.03
µF
10 k
Ω
10 k
Ω
0.03
µF
10 k
Ω
3.3 k
Ω
0.003
µF
0.003
µF
MAX
Treble
100 k
Ω
MIN
68 k
Ω
Output
Input
100
Ω
+
MIN
100 k
Ω
Bass
MAX
Figure 29. IC Preamplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com