Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TL082
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL082 Datasheet HTML 10Page - Texas Instruments TL082 Datasheet HTML 11Page - Texas Instruments TL082 Datasheet HTML 12Page - Texas Instruments TL082 Datasheet HTML 13Page - Texas Instruments TL082 Datasheet HTML 14Page - Texas Instruments TL082 Datasheet HTML 15Page - Texas Instruments TL082 Datasheet HTML 16Page - Texas Instruments TL082 Datasheet HTML 17Page - Texas Instruments TL082 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TL080, TL081, TL082, TL084, TL081A, TL082A, TL084A
TL081B, TL082B, TL084B
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
14
TYPICAL CHARACTERISTICS†
CL = 100 pF
TA = 25° C
RL = 2 k Ω
VCC
± = ±15 V
Output
4
2
0
– 2
– 4
3
2.5
2
1.5
1
0.5
0
6
3.5
t – Time –
µs
– 6
– 50
0.01
TA – Free-Air Temperature –°C
125
100
– 25
0
25
50
75
100
0.1
1
10
V CC
± = ± 15 V
INPUT BIAS CURRENT‡
vs
FREE-AIR TEMPERATURE
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
Input
Figure 18
Figure 19
– 4
t – Time –
µs
1.2
28
0
0.2
0.4
0.6
0.8
1.0
0
4
8
12
16
20
24
VCC
± = ±15 V
RL = 2 k Ω
CL = 100 pF
TA = 25° C
See Figure 1
OUTPUT VOLTAGE
vs
ELAPSED TIME
Figure 20
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. A 12-pF
compensation capacitor is used with TL080.
‡ The temperature range of the C version is 0
°C to 75°C, the I version is –40°C to 85°C, and the M version is –55°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com