Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL080CD Datasheet(PDF) 1 Page - Texas Instruments

Part # TL080CD
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL080CD Datasheet(HTML) 1 Page - Texas Instruments

  TL080CD Datasheet HTML 1Page - Texas Instruments TL080CD Datasheet HTML 2Page - Texas Instruments TL080CD Datasheet HTML 3Page - Texas Instruments TL080CD Datasheet HTML 4Page - Texas Instruments TL080CD Datasheet HTML 5Page - Texas Instruments TL080CD Datasheet HTML 6Page - Texas Instruments TL080CD Datasheet HTML 7Page - Texas Instruments TL080CD Datasheet HTML 8Page - Texas Instruments TL080CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TL080, TL081, TL082, TL084, TL081A, TL082A, TL084A
TL081B, TL082B, TL084B, TL082Y, TL084Y
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS
77251–1443
Copyright
© 1992, Texas Instruments Incorporated
1
24 DEVICES COVER COMMERCIAL, INDUSTRIAL, AND MILITARY TEMPERATURE RANGES
• Low-Power Consumption
• Wide Common-Mode and Differential
Voltage Ranges
• Low Input Bias and Offset Currents
• Output Short-Circuit Protection
• Low Total Harmonic
Distortion . . . 0.003% Typ
• High Input Impedance . . . JFET-Input Stage
• Internal Frequency Compensation (Except
TL080, TL080A)
• Latch-Up-Free Operation
• High Slew Rate . . . 13 V/µs Typ
• Common-Mode Input Voltage Range
Includes VCC+
NC – No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1 OUT
1 IN –
1 IN +
VCC+
2 IN +
2 IN –
2 OUT
4 OUT
4 IN –
4 IN +
VCC–
3 IN +
3 IN –
3 OUT
TL084, TL084A, TL084B
D, J, N, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4 IN +
NC
VCC –
NC
3 IN +
1 IN +
NC
VCC+
NC
2 IN +
TL084M ...FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
VCC+
NC
OUT
NC
NC
IN –
NC
IN +
NC
TL081M . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2 OUT
NC
2 IN –
NC
NC
1 IN –
NC
1 IN +
NC
TL082M ...FK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
N1/COMP
IN –
IN +
VCC–
COMP
VCC+
OUT
OFFSET N2
TL080
D, P, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
OFFSET N1
IN –
IN +
VCC–
NC
VCC+
OUT
OFFSET N2
TL081, TL081A, TL081B
D, JG, P, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1 OUT
1 IN –
1 IN +
VCC–
VCC+
2 OUT
2 IN –
2 IN +
TL082, TL082A, TL082B
D, JG, P, OR PW PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-STD-883, Class B, all parameters are
tested unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TL080CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL080CP TI-TL080CP Datasheet
222Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
TL080CPE4 TI-TL080CPE4 Datasheet
222Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - TL080CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081 TI-TL081 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081_04 Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL087 TI-TL087_07 Datasheet
387Kb / 22P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
JFET-Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
JFET Input Operational Amplifiers
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com