Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL080CD Datasheet(PDF) 10 Page - Texas Instruments

Part # TL080CD
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL080CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL080CD Datasheet HTML 6Page - Texas Instruments TL080CD Datasheet HTML 7Page - Texas Instruments TL080CD Datasheet HTML 8Page - Texas Instruments TL080CD Datasheet HTML 9Page - Texas Instruments TL080CD Datasheet HTML 10Page - Texas Instruments TL080CD Datasheet HTML 11Page - Texas Instruments TL080CD Datasheet HTML 12Page - Texas Instruments TL080CD Datasheet HTML 13Page - Texas Instruments TL080CD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TL080, TL081, TL082, TL084, TL081A, TL082A, TL084A
TL081B, TL082B, TL084B, TL082Y, TL084Y
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
10
PARAMETER MEASUREMENT INFORMATION
VI
VI
CL =
100 pF
RL = 2 kΩ
CC = 18 pF
for TL080
10 k
Ω
1 k
Ω
RL
CL = 100 pF
100 k
Ω
C2
C1
N1
500 pF
TL080
Figure 1. Unity-Gain Amplifier
Figure 2. Gain-of-10
Inverting Amplifier
Figure 3. Feed-Forward
Compensation
2 M
Ω
N2
CC
COMP
TL080
1 M
Ω
VCC +
TL081
N2
N1
100 k
Ω
1.5 k
Ω
VCC –
N1
Figure 4. TL080 Input Offset Voltage
Figure 5. TL081 Input Offset Voltage
Null Circuit
Null Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com