Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL080CD Datasheet(PDF) 13 Page - Texas Instruments

Part # TL080CD
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL080CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL080CD Datasheet HTML 9Page - Texas Instruments TL080CD Datasheet HTML 10Page - Texas Instruments TL080CD Datasheet HTML 11Page - Texas Instruments TL080CD Datasheet HTML 12Page - Texas Instruments TL080CD Datasheet HTML 13Page - Texas Instruments TL080CD Datasheet HTML 14Page - Texas Instruments TL080CD Datasheet HTML 15Page - Texas Instruments TL080CD Datasheet HTML 16Page - Texas Instruments TL080CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TL080, TL081, TL082, TL084, TL081A, TL082A, TL084A
TL081B, TL082B, TL084B
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
13
TYPICAL CHARACTERISTICS
–75
0
TA – Free-Air Temperature – °C
125
250
–50
–25
0
25
50
75
100
25
50
75
100
125
150
175
200
225
VCC
± = ±15 V
No Signal
No Load
TL084, TL085
TL082, TL083
TL080, TL081
See Figure 3
TA = 25°C
C2 = 3 pF
VCC
± = ±15 V
105
104
103
102
10
1 M
100 k
10 k
1 k
106
10 M
f – Frequency – Hz
1
100
TL080
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREQUENCY WITH FEED-FORWARD COMPENSATION
TOTAL POWER DISSIPATED
vs
FREE-AIR TEMPERATURE
Figure 14
Figure 15
0
0
|VCC
± | – Supply Voltage – V
16
2.0
2
4
6
8
10
12
14
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TA = 25 ° C
No Signal
No Load
–75
0
TA – Free-Air Temperature –°C
125
2.0
–50
–25
0
25
50
75
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VCC
± = ±15 V
No Signal
No Load
SUPPLY CURRENT PER AMPLIFIER
vs
FREE-AIR TEMPERATURE
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
Figure 16
Figure 17
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. A 12-pF
compensation capacitor is used with TL080.
‡ The temperature range of the C version is 0
°C to 75°C, the I version is –40°C to 85°C, and the M version is –55°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com