Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRXNFEMM4ESS Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TRXNFEMM4ESS
Description  Fast Ethernet SFP Multimode Transceivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRXNFEMM4ESS Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TRXNFEMM4ESS Datasheet HTML 1Page - OPLINK Communications Inc. TRXNFEMM4ESS Datasheet HTML 2Page - OPLINK Communications Inc. TRXNFEMM4ESS Datasheet HTML 3Page - OPLINK Communications Inc. TRXNFEMM4ESS Datasheet HTML 4Page - OPLINK Communications Inc. TRXNFEMM4ESS Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
21737-0931, Rev. A
04-05-2006
TRXNFEMM
Package Outline
Ordering Information
Dimensions in inches [mm]
Default tolerances:
.xxx = + .005”, .xx = + .01”
Optical Communication Products, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Optical Communication
Products, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Optical Communication Products, Inc. for its use nor for any infringements of
third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Optical Communication Products, Inc.
Optical Communication Products, Inc.
6101 Variel Avenue, Woodland Hills, CA 91367, Tel.: 818-251-7100, FAX: 818-251-7111, www.ocp-inc.com
and MOD_DEF(0) is TTL LOW. When the host system
detects this condition, it activates the serial protocol
(standard two-wire I2C serial interface) and generates the serial
clock signal (SCL). The negative edge clocks data from the
SFP EEPROM.
The serial data signal (SDA) is for serial data transfer. The
host uses SDA in conjunction with SCL to mark the start
and end of serial protocol activation.
The data transfer protocol and the details of the mandatory
and vendor specific data structures are defined in the SFP MSA.
Power supply and grounding: The power supply line should
be well-filtered. All 0.1
µF power supply bypass capacitors
should be as close to the transceiver module as possible.
© 2006, Optical Communication Products, Inc.
Application Notes (Cont.)
.0
1.02
.4
8.89
.1
1.78
1.86
47.35
.335
8.51
.54
.53
13.67
13.54
2.2 REF
56.6
1.646 .006
41.80 0.15
1.771 .008
44.98 0.20
.246 .002
6.25 0.05
.546 .008
13.87 0.20
Model Name
Operating Case Temperature
Latch Color
Nominal
Wavelength
TRXNFEMM4BSS
- 5°C to +70°C
Silver
1310nm
TRXNFEMM4ESS
- 5°C to +85°C
Silver
1310nm
TRXNFEMM4ASS
- 40°C to +85°C
Silver
1310nm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com