Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRXNFEMM4ESS Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # TRXNFEMM4ESS
Description  Fast Ethernet SFP Multimode Transceivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRXNFEMM4ESS Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  TRXNFEMM4ESS Datasheet HTML 1Page - OPLINK Communications Inc. TRXNFEMM4ESS Datasheet HTML 2Page - OPLINK Communications Inc. TRXNFEMM4ESS Datasheet HTML 3Page - OPLINK Communications Inc. TRXNFEMM4ESS Datasheet HTML 4Page - OPLINK Communications Inc. TRXNFEMM4ESS Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
21737-0931, Rev. A
04-05-2006
18
19
3
TX DATA IN+
Vcc
3.3V
15
1 H coil or ferrite bead
µ
(<0.2
series resistance)
Ω
0.1
TX DATA IN-
TX Disable
16
0.1
+
10
50
line
Ω
1, 9,10,11,14,17,20
0.1
+
10
(100
to ground internally)
Ω
to 50
load
Ω
Vcc
3.3V
RX DATA OUT+
13
12
RX DATA OUT-
5
4
6
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
LOS
8
R
R
R
50
line
Ω
50
line
Ω
50
line
Ω
to 50
load
Ω
100
TRXNFEMM
Example of SFP host board schematic
TRXNFEMM
R: 4.7 to 10k
Ω
Ω
Ω
Ω
Ω
Application Notes
Electrical interface: All signal interfaces are compliant
with the SFP MSA specification. The high speed DATA
interface is differential AC-coupled internally and can be
directly connected to a 3.3V SERDES IC. All low speed
control and sense output signals are open collector TTL
compatible and should be pulled up with a 4.7 - 10k
Ω
resistor on the host board.
Loss of Signal (LOS): The Loss of Signal circuit monitors
the level of the incoming optical signal and generates a logic
HIGH when an insufficient photocurrent is produced.
TX Fault: Per SFP MSA, pin 2 is TX Fault. This transceiver
is LED based and does not support TX Fault. Pin 2 is
internally connected to transmitter circuit ground (TX GND)
to indicate normal operation.
TX Disable: When the TX Disable pin is at logic HIGH, the
transmitter optical output is disabled (less than -45dBm).
Serial Identification: The module definition of SFP
is indicated by the three module definition pins,
MOD_DEF(0), MOD_DEF(1) and MOD_DEF(2). Upon
power up, MOD_DEF(1:2) appear as NC (no connection),
Figure 1 - Trade-off curves in FDDI PMD document
100
120
140
160
180
200
1280
1300
1320
1340
1360
1380
SOURCE CENTER WAVELENGTH (nm)
1.5
2.0
2.5
3.0
3.5
3.0
3.5
Source rise & fall time (ns)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com