Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRXNFEMM4ESS Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TRXNFEMM4ESS
Description  Fast Ethernet SFP Multimode Transceivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRXNFEMM4ESS Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TRXNFEMM4ESS Datasheet HTML 1Page - OPLINK Communications Inc. TRXNFEMM4ESS Datasheet HTML 2Page - OPLINK Communications Inc. TRXNFEMM4ESS Datasheet HTML 3Page - OPLINK Communications Inc. TRXNFEMM4ESS Datasheet HTML 4Page - OPLINK Communications Inc. TRXNFEMM4ESS Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
21737-0931, Rev. A
04-05-2006
TRXNFEMM
Transmitter Performance Characteristics (over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Receiver Performance Characteristics (over Operating Case Temperature, V
CC = 3.13 to 3.47V)
All parameters guaranteed only at typical data rate
All parameters guaranteed only at typical data rate
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate1
B
-
125
-
Mb/s
Optical Output Power2
Po
- 19.0
- 16.0
- 14.0
dBm
Center Wavelength3
λc
1270
-
1380
nm
Spectral Width (FWHM)3
∆λFWHM
-
140
-
nm
Optical Rise/Fall Time (10% to 90%)3
tr, tf
0.6
-
3.0
ns
Extinction Ratio
Phi /Plo
10
-
-
dB
Optical Output Power of OFF Transmitter
POFF
--
- 45.0
dBm
Duty Cycle Distortion Jitter (peak-to-peak)
DCD
--
1.0
ns
Data Dependent Jitter (peak-to-peak)
DDJ
--
0.6
ns
Random Jitter (peak-to-peak)4
RJ
-
-
0.76
ns
Transmitter Output Eye5
Typically compliant with OC-3/STM-1 eye mask (GR-253-CORE
and G. 957) without filter, but not guaranteed and not tested for.
1Data rate ranges from 50Mb/s to 266Mb/s. However, some degradation may be incurred in overall performance.
2Measured average power coupled into 62.5/125µm, 0.275 NA graded-index multimode fiber. The minimum power specified is at Beginning-of-Life.
3The Center Wavelength, Spectral Width and Optical Rise/Fall Time satisfy the trade-off curves in FDDI PMD document as shown in Figure 1.
4Defined as 12.6 times the rms value per FDDI PMD.
5Compliance with the Optical Pulse Envelope in FDDI PMD is not specified and is not claimed.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate1
B
-
125
-
Mb/s
Minimum Input Optical Power (2.5 x 10-10 BER)2
Pmin
- 32.5
- 34.5
-
dBm
Maximum Input Optical Power (2.5 x 10-10 BER)2
Pmax
- 14.0
0
-
dBm
LOS Thresholds
Increasing Light Input
Plos+
Plos- + 1.5dB
-
- 32.5
dBm
Decreasing Light Input
Plos-
- 45.0
-
-
LOS Hysteresis
-
1.5
-
-
dB
LOS Timing Delay
Increasing Light Input
t_loss_off
-
-
100
µs
Decreasing Light Input
t_loss_on
--
350
Contributed Duty Cycle Distortion Jitter (peak-to-peak)
DCD
--
0.4
ns
Contributed Data Dependent Jitter (peak-to-peak)
DDJ
--
1.0
ns
Contributed Random Jitter (peak-to-peak)3
RJ
-
-
2.14
ns
Wavelength of Operation
λ
1100
-
1600
nm
1Data rate ranges from 50Mb/s to 266Mb/s. However, some degradation may be incurred in overall performance.
2Specified in average optical input power and measured with 223-1 PRBS at 125Mb/s and 1310nm wavelength with optical input rise/fall time
of 2.5ns and optimum sampling.
3Defined as 12.6 times the rms value per FDDI PMD.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com