Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2227 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLE2227
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2227 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLE2227 Datasheet HTML 8Page - Texas Instruments TLE2227 Datasheet HTML 9Page - Texas Instruments TLE2227 Datasheet HTML 10Page - Texas Instruments TLE2227 Datasheet HTML 11Page - Texas Instruments TLE2227 Datasheet HTML 12Page - Texas Instruments TLE2227 Datasheet HTML 13Page - Texas Instruments TLE2227 Datasheet HTML 14Page - Texas Instruments TLE2227 Datasheet HTML 15Page - Texas Instruments TLE2227 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 1. Slew-Rate Test Circuit
4 k
Ω
(see Note A)
CL = 100 pF
VO
– 15 V
VI
+
–
15 V
4 k
Ω
NOTE A: CL includes fixture capacitance.
Figure 2. Noise-Voltage Test Circuit
VO
20
Ω
20
Ω
2 k
Ω
– 15 V
15 V
+
–
Figure 3. Unity-Gain Bandwidth and
Phase-Margin Test Circuit
VO
2 k
Ω
10 k
Ω
100
Ω
VI
– 15 V
15 V
+
–
(see Note A)
CL = 100 pF
NOTE A: CL includes fixture capacitance.
Figure 4. Small-Signal Pulse-
Response Test Circuit
VO
2 k
Ω
– 15 V
15 V
–
+
VI
(see Note A)
CL = 100 pF
NOTE A: CL includes fixture capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com