Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2227 Datasheet(PDF) 25 Page - Texas Instruments

Part # TLE2227
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2227 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLE2227 Datasheet HTML 21Page - Texas Instruments TLE2227 Datasheet HTML 22Page - Texas Instruments TLE2227 Datasheet HTML 23Page - Texas Instruments TLE2227 Datasheet HTML 24Page - Texas Instruments TLE2227 Datasheet HTML 25Page - Texas Instruments TLE2227 Datasheet HTML 26Page - Texas Instruments TLE2227 Datasheet HTML 27Page - Texas Instruments TLE2227 Datasheet HTML 28Page - Texas Instruments TLE2227 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 44
2.8
2.6
2.4
2.2
3
TA – Free-Air Temperature – °C
2
VCC
± = ±15 V
70
60
50
40
30
20
10
0
AVD = 5
RL = 2 kΩ
CL = 100 pF
See Figure 1
TLE2227
SLEW RATE
vs
FREE-AIR TEMPERATURE
Figure 45
7
6
5
4
8
TA – Free-Air Temperature – °C
3
VCC
± = ±15 V
AVD = 5
RL = 2 kΩ
CL = 100 pF
See Figure 1
70
60
50
40
30
20
10
0
TLE2237
SLEW RATE
vs
FREE-AIR TEMPERATURE
Figure 46
38
°
36
°
34
°
32
°
30
°
28
°
26
°
20
18
16
14
12
10
8
6
4
2
| VCC
± | – Supply Voltage – V
24
°
0
PHASE MARGIN
vs
SUPPLY VOLTAGE
RL = 2 kΩ
CL = 100 pF
TA = 25°C
See Figure 3
40
°
Figure 47
1000
10000
CL – Load Capacitance – pF
100
VCC
± = ±15 V
40
°
35
°
30
°
25
°
20
°
15
°
10
°
5
°
0
°
RL = 2 kΩ
TA = 25°C
See Figure 3
TLE2227
PHASE MARGIN
vs
LOAD CAPACITANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com