Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2227 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLE2227
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2227 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLE2227 Datasheet HTML 9Page - Texas Instruments TLE2227 Datasheet HTML 10Page - Texas Instruments TLE2227 Datasheet HTML 11Page - Texas Instruments TLE2227 Datasheet HTML 12Page - Texas Instruments TLE2227 Datasheet HTML 13Page - Texas Instruments TLE2227 Datasheet HTML 14Page - Texas Instruments TLE2227 Datasheet HTML 15Page - Texas Instruments TLE2227 Datasheet HTML 16Page - Texas Instruments TLE2227 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
5
∆VIO
Input offset voltage change
vs Time after power on
6, 7
IIO
Input offset current
vs Free-air temperature
8
IIB
Input bias current
vs Common-mode input voltage
vs Free-air temperature
9
10
II
Input current
vs Differential input voltage
11
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
12
VOM
Maximum peak positive output voltage
vs Load resistance
vs Free-air temperature
13
15
VOM
Maximum peak negative output voltage
vs Load resistance
vs Free-air temperature
14
16
AVD
Large-signal differential voltage amplification
vs Supply voltage
vs Load resistance
vs Frequency
vs Free-air temperature
17
19
18, 20, 21
22
zo
Output impedance
vs Frequency
23
CMRR
Common-mode rejection ratio
vs Frequency
24
kSVR
Supply-voltage rejection ratio
vs Frequency
25
IOS
Short-circuit output current
vs Supply voltage
vs Elasped time
vs Free-air temperature
26, 27
28, 29
30, 31
ICC
Supply current
vs Supply voltage
vs Free-air temperature
32
33
Voltage-follower small-signal pulse response
vs Time
34, 35
Voltage-follower large-signal pulse response
vs Time
36, 37
Vn
Equivalent input noise voltage
vs Frequency
38
Noise voltage (referred to input)
Over 10-second interval
39
B1
Unity-gain bandwidth
vs Supply voltage
vs Load capacitance
40, 41
42, 43
SR
Slew rate
vs Free-air temperature
44, 45
φm
Phase margin
vs Supply voltage
vs Load capacitance
46
47, 48
Phase shift
vs Frequency
18, 20, 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com