Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2237 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLE2237
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2237 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLE2237 Datasheet HTML 6Page - Texas Instruments TLE2237 Datasheet HTML 7Page - Texas Instruments TLE2237 Datasheet HTML 8Page - Texas Instruments TLE2237 Datasheet HTML 9Page - Texas Instruments TLE2237 Datasheet HTML 10Page - Texas Instruments TLE2237 Datasheet HTML 11Page - Texas Instruments TLE2237 Datasheet HTML 12Page - Texas Instruments TLE2237 Datasheet HTML 13Page - Texas Instruments TLE2237 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLE2227Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
100
350
µV
Input offset voltage long-term drift (see Note 4)
VIC =0
RS =50 Ω
0.006
1
µV/mo
IIO
Input offset current
VIC = 0,
RS = 50 Ω
7.5
90
nA
IIB
Input bias current
15
90
nA
VICR
Common-mode input voltage range
RS = 50 Ω
–11
to
11
–13
to
13
V
VOM
Maximum positive peak output voltage swing
RL = 1 kΩ
10.5
V
VOM +
Maximum positive peak output voltage swing
RL = 2 kΩ
12
V
VOM
Maximum negative peak output voltage swing
RL = 1 kΩ
– 10.5
–13
V
VOM –
Maximum negative peak output voltage swing
RL = 2 kΩ
–12
– 13.5
V
AVD
Large signal differential voltage amplification
VO = ± 11 V,
RL = 2 kΩ
2.5
45
V/
µV
AVD
Large-signal differential voltage amplification
VO = ± 10 V,
RL = 1 kΩ
3.5
38
V/
µV
ci
Input capacitance
8
pF
zo
Open-loop output impedance
IO = 0
50
Ω
CMRR
Common-mode rejection ratio
VIC = VICRmin,
RS = 50 Ω
98
115
dB
kSVR
Supply-voltage rejection ratio (
∆VCC±/∆VIO)
VCC
± = ±4 V to ±18 V, RS = 50 Ω
94
120
dB
ICC
Supply current
VO = 0,
No load
7.3
10.6
mA
NOTE 4. Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLE2227Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate
RL = 2 kΩ,
CL = 100 pF
1.7
2.5
V/
µs
V
Equivalent input noise voltage
RS = 20 Ω,
f = 10 Hz
3.3
8
nV/
√HZ
Vn
Equivalent input noise voltage
RS = 20 Ω,
f = 1 kHz
2.5
4.5
nV/
√HZ
VN(PP) Peak to peak equivalent input noise voltage
f=01Hzto10Hz
50
250
nV
VN(PP) Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
50
250
nV
I
Equivalent input noise current
f = 10 Hz
1.5
4
pA/
√HZ
In
Equivalent input noise current
f = 1 kHz
0.4
0.6
pA/
√HZ
THD
Total harmonic distortion
VO = ± 10 V,
See Note 5
AVD = 1,
< 0.002%
B1
Unity-gain bandwidth
RL = 2 kΩ,
CL = 100 pF
7
13
MHz
BOM
Maximum output-swing bandwidth
RL = 2 kΩ
30
kHz
φm
Phase margin
RL = 2 kΩ
CL = 100 pF
40
°
NOTE 5
Measured distortion of the source used in the analysis is 0.002%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com