Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2237 Datasheet(PDF) 20 Page - Texas Instruments

Part # TLE2237
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2237 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLE2237 Datasheet HTML 16Page - Texas Instruments TLE2237 Datasheet HTML 17Page - Texas Instruments TLE2237 Datasheet HTML 18Page - Texas Instruments TLE2237 Datasheet HTML 19Page - Texas Instruments TLE2237 Datasheet HTML 20Page - Texas Instruments TLE2237 Datasheet HTML 21Page - Texas Instruments TLE2237 Datasheet HTML 22Page - Texas Instruments TLE2237 Datasheet HTML 23Page - Texas Instruments TLE2237 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 24
120
100
80
60
40
20
10 M
1 M
100 k
10 k
1 k
100
140
100 M
f – Frequency – Hz
0
10
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
VCC
± = ±15 V
TA = 25°C
Figure 25
120
100
80
60
40
20
10 M
1 M
100 k
10 k
1 k
100
140
100 M
f – Frequency – Hz
0
10
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
VCC
± = ±15 V
TA = 25°C
kSVR +
kSVR –
Figure 26
– 40
– 38
– 36
– 34
– 32
20
18
16
14
12
10
8
6
4
2
– 42
|VCC
± | – Supply Voltage – V
– 30
0
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
VID = 100 mV
VO = 0
TA = 25°C
P Package
Figure 27
33
32
31
30
29
28
20
18
16
14
12
10
8
6
4
2
34
|VCC
± | – Supply Voltage – V
27
0
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
26
25
24
VID = – 100 mV
VO = 0
TA = 25°C
P Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com