Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2237 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLE2237
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2237 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLE2237 Datasheet HTML 10Page - Texas Instruments TLE2237 Datasheet HTML 11Page - Texas Instruments TLE2237 Datasheet HTML 12Page - Texas Instruments TLE2237 Datasheet HTML 13Page - Texas Instruments TLE2237 Datasheet HTML 14Page - Texas Instruments TLE2237 Datasheet HTML 15Page - Texas Instruments TLE2237 Datasheet HTML 16Page - Texas Instruments TLE2237 Datasheet HTML 17Page - Texas Instruments TLE2237 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
DISTRIBUTION OF
INPUT OFFSET VOLTAGE
16
14
12
10
8
6
4
2
0
120
90
60
30
–30
–60
–90
VIO – Input Offset Voltage – µV
–120
0
1568 Amplifiers Tested From 2 Wafer Lots
VCC
± = ±15 V
TA = 25°C
DW Package
Figure 6
INPUT OFFSET VOLTAGE CHANGE
vs
TIME AFTER POWER ON
12
10
8
6
4
2
60
50
40
30
20
10
t – Time After Power On – s
0
0
VCC
± = ± 15 V
TA = 25°C
DW Package
Sample Size = 50 Units
Figure 7
180
160
140
120
100
80
60
40
20
t – Time After Power On – s
0
0
1
2
3
4
5
6
INPUT OFFSET VOLTAGE CHANGE
vs
TIME AFTER POWER ON
VCC
± = ±15 V
TA = 25°C
P Package
Sample Size = 50 Units
From 2 Wafer Lots
Figure 8
0
TA – Free-Air Temperature – °C
10
30
40
50
60
70
20
16
12
8
4
0
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
20
VCC
± = ±15 V
VIC = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com