Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4113 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4113
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4113 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV4113 Datasheet HTML 2Page - Texas Instruments TLV4113 Datasheet HTML 3Page - Texas Instruments TLV4113 Datasheet HTML 4Page - Texas Instruments TLV4113 Datasheet HTML 5Page - Texas Instruments TLV4113 Datasheet HTML 6Page - Texas Instruments TLV4113 Datasheet HTML 7Page - Texas Instruments TLV4113 Datasheet HTML 8Page - Texas Instruments TLV4113 Datasheet HTML 9Page - Texas Instruments TLV4113 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289A – DECEMBER 1999 – REVISED APRIL 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V and 5 V (unless otherwise
noted) (continued)
dynamic performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNITS
GBWP
Gain bandwidth product
RL=100 Ω
CL=10 pF
25
°C
2.7
MHz
VDD =3V
25
°C
0.8
1.57
SR
Slew rate at unity gain
Vo(pp) = 2 V,
RL 100 Ω
VDD = 3 V
Full range
0.55
V/
µs
SR
Slew rate at unity gain
RL = 100 Ω,
CL = 10 pF
VDD =5V
25
°C
1
1.57
V/
µs
CL = 10 F
VDD = 5 V
Full range
0.7
φM
Phase margin
RL = 100 Ω
CL =10 pF
25
°C
66
Gain margin
RL = 100 Ω,
CL = 10 pF
25
°C
16
dB
t
Settling time
V(STEP)pp = 1 V,
AV = –1,
0.1%
25
°C
0.7
µs
ts
Settling time
V
CL = 10 pF,
RL = 100 Ω
0.01%
25
°C
1.3
µs
† Full range is 0
°C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C.
noise/distortion performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNITS
VO(pp) = VDD/2 V,
AV = 1
0.025
THD+N
Total harmonic distortion plus noise
VO(
) = VDD/2 V,
RL = 100 Ω,
AV = 10
0.035
f = 100 Hz
AV = 100
25
°C
0.15
V
Equivalent input noise voltage
f = 100 Hz
25
°C
55
nV/
√Hz
Vn
Equivalent input noise voltage
f = 10 kHz
10
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.31
fA/
√Hz
shutdown characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNITS
IDD(SHDN)
Supply current in shutdown mode (per channel)
SHDN
0V
25
°C
TBD
µA
IDD(SHDN)
y(
)
(TLV4110, TLV4113)
SHDN = 0 V
Full range
TBD
µA
t(ON)
Amplifier turnon time‡
RL = 100 Ω
25
°C
TBD
µs
t(Off)
Amplifier turnoff time‡
RL = 100 Ω
25
°C
TBD
µs
† Full range is 0
°C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C.
‡ Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the supply current
has reached half its final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com