Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4113 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4113
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4113 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV4113 Datasheet HTML 5Page - Texas Instruments TLV4113 Datasheet HTML 6Page - Texas Instruments TLV4113 Datasheet HTML 7Page - Texas Instruments TLV4113 Datasheet HTML 8Page - Texas Instruments TLV4113 Datasheet HTML 9Page - Texas Instruments TLV4113 Datasheet HTML 10Page - Texas Instruments TLV4113 Datasheet HTML 11Page - Texas Instruments TLV4113 Datasheet HTML 12Page - Texas Instruments TLV4113 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289A – DECEMBER 1999 – REVISED APRIL 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
SUPPLY VOLTAGE REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz
100
1 k
1 M
10 k
100 k
10 M
VDD = 3 & 5 V
RF = 1 kΩ
RI = 100 Ω
VIN = 0 V
TA = 25°C
100
90
80
70
60
50
40
30
0
20
10
Figure 11
45
90
135
–45
0
AMPLIFICATION AND PHASE
vs
FREQUENCY
f – Frequency – Hz
100
1 k
1 M
10 k
100 k
10 M
VDD = 3 & 5 V
RL = 100 kΩ
CL = 10 pF
TA = 25°C
PHASE
GAIN
120
100
80
60
40
20
0
–20
–40
Figure 12
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
TA = 25°C
RL = 100 Ω
CL = 10 pF
f = 1 kHz
AV =open loop
VDD – Supply Voltage – V
2.5
3
4.5
3.5
4
5
5.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Figure 13
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
SLEW RATE
vs
SUPPLY VOLTAGE
AV = 1
RL = 100 Ω
CL = 10 pF
VDD – Supply Voltage – V
SR+
SR–
2.5
3
4.5
3.5
4
5
5.5
6
Figure 14
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
–40 –25 –10 5
20 35 50 65 80 95 110 125
SLEW RATE
vs
TEMPERATURE
VDD = 3 & 5 V
AV = 1
RL = 100 Ω
CL = 10 pF
TA – Temperature – °C
SR+
SR–
Figure 15
TOTAL HARMONIC DISTORTION+NOISE
vs
FREQUENCY
f – Frequency – Hz
10
100
100 k
1 k
10 k
0.01
0.1
1
10
VDD = 5 V
RL = 100 Ω
VO(PP) = VDD/2
AV = 1, 10, & 100
A = 1
A = 100
A = 10
Figure 16
EQUIVALENT INPUT VOLTAGE NOISE
vs
FREQUENCY
VDD = 3 V
f – Frequency – Hz
10
1 k
10 k
100 k
VDD = 5 V
100
0
60
100
160
20
40
80
120
140
Figure 17
PHASE MARGIN
vs
CAPACITIVE LOAD
VDD = 3 & 5 V
TA = 25°C
Capacitive Load – pF
100
1 k
10 k
100 k
RL = 100
10
RNULL = 0
RNULL = 20
RNULL = 20
RL = 600
RNULL = 0
20
50
70
100
30
40
60
80
90
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com