Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4113 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4113
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4113 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV4113 Datasheet HTML 7Page - Texas Instruments TLV4113 Datasheet HTML 8Page - Texas Instruments TLV4113 Datasheet HTML 9Page - Texas Instruments TLV4113 Datasheet HTML 10Page - Texas Instruments TLV4113 Datasheet HTML 11Page - Texas Instruments TLV4113 Datasheet HTML 12Page - Texas Instruments TLV4113 Datasheet HTML 13Page - Texas Instruments TLV4113 Datasheet HTML 14Page - Texas Instruments TLV4113 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289A – DECEMBER 1999 – REVISED APRIL 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
shutdown function
Two members of the TLV411x family (TLV4110/3) have a shutdown terminal for conserving battery life in
portable applications. When the shutdown terminal is tied low, the supply current is reduced to just nano amps
per channel, the amplifier is disabled, and the outputs are placed in a high impedance mode. In order to save
power in shutdown mode, an external pullup resistor is required, thererfore, to enable the amplifier the shutdown
terminal must be pulled high. When the shutdown terminal is left floating, care should be taken to ensure that
parasitic leakage current at the shutdown terminal does not inadvertently place the operational amplifier into
shutdown.
driving a capacitive load
When the amplifier is configured in this manner, capacitive loading directly on the output will decrease the
device’s phase margin leading to high frequency ringing or oscillations. Therefore, for capacitive loads of greater
than 1 nF, it is recommended that a resistor be placed in series (RNULL) with the output of the amplifier, as shown
in Figure 24. A maximum value of 20
Ω should work well for most applications.
CLOAD
RF
Input
Output
RG
RNULL
+
–
RL
CL
RF
Input
Output
RG
RNULL
+
–
RL
Snubber
C
(a)
(b)
Figure 24. Driving a Capacitive Load
offset voltage
The output offset voltage, (VOO) is the sum of the input offset voltage (VIO) and both input bias currents (IIB) times
the corresponding gains. The following schematic and formula can be used to calculate the output offset
voltage:
V
OO +
V
IO
1
)
R
F
R
G
" I
IB
)
R
S
1
)
R
F
R
G
" I
IB–
R
F
+
–
VI
+
RG
RS
RF
IIB–
VO
IIB+
Figure 25. Output Offset Voltage Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com